Electronic Components Datasheet Search
  English  ▼

X  

OA32 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OA32
Description  OA32 is an OR / AND circuit providing the logical function Q = [ (ABC).(DE) ].
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OA32 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OA32 Datasheet HTML 1Page - List of Unclassifed Manufacturers OA32 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OA32 is an OR/AND circuit providing the logical function Q = [ (A+B+C).(D+E) ].
Truth Table
OA32
A
C
D
Q
E
B
Capacitance
A
B
C
D
E
Q
Ci (pF)
L
L
L
X
X
L
A
0.054
X
X
X
L
L
L
B
0.054
X
X
H
X
H
H
C
0.066
X
X
H
H
X
H
D
0.048
X
H
X
X
H
H
E
0.056
XH
XH
X
H
H
XXX
H
H
HX
X
H
X
H
Area
Power
0.95 mils
2
2.72 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Delay A to Q
tpdar
0.74
2.12
2.82
0.85
2.22
2.87
tpdaf
0.82
1.98
2.50
0.94
2.10
2.62
Delay B to Q
tpdbr
0.69
2.05
2.79
0.79
2.13
2.81
tpdbf
0.80
1.96
2.49
0.97
2.13
2.68
Delay C to Q
tpdcr
0.62
2.01
2.64
0.71
2.03
2.73
tpdcf
0.73
1.87
2.41
1.00
2.15
2.71
Delay D to Q
tpddr
0.69
2.09
2.75
0.88
2.27
2.91
tpddf
0.69
1.87
2.42
0.86
2.04
2.60
Delay E to Q
tpder
0.63
2.00
2.76
0.83
2.19
2.86
tpdef
0.66
1.82
2.36
0.94
2.12
2.67
Output Slope A to Q
op_slar
1.02
5.30
7.48
0.95
5.27
7.48
op_slaf
0.78
3.76
5.02
0.78
3.63
5.00
Output Slope B to Q
op_slbr
0.96
5.31
7.37
0.92
5.26
7.50
op_slbf
0.80
3.68
4.98
0.78
3.65
5.07
Output Slope C to Q
op_slcr
0.95
5.20
7.52
0.88
5.23
7.48
op_slcf
0.78
3.80
5.03
0.78
3.62
5.03
Sept. 1996
- 285 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OA32


Similar Part No. - OA32

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA300 ORIONFANS-OA300 Datasheet
4Mb / 2P
UL and cUL Recognized
OA300 ORIONFANS-OA300 Datasheet
5Mb / 8P
AC & EC FANS
OA300-A ORIONFANS-OA300-A Datasheet
4Mb / 2P
UL and cUL Recognized
OA300-DV ORIONFANS-OA300-DV Datasheet
4Mb / 2P
UL and cUL Recognized
OA300-DV ORIONFANS-OA300-DV Datasheet
5Mb / 8P
AC & EC FANS
More results

Similar Description - OA32

ManufacturerPart #DatasheetDescription
logo
ams AG
OA31 AMSCO-OA31 Datasheet
9Kb / 1P
OA31 is an OR / AND circuit providing the logical function Q = [ (ABC)D ]
ON222 AMSCO-ON222 Datasheet
17Kb / 2P
ON222 is an OR / NAND circuit providing the logical function Q = NOT (AB).(CD).(EF)
ON322 AMSCO-ON322 Datasheet
17Kb / 2P
ON322 is an OR / NAND circuit providing the logical function Q = NOT [ (ABC).(DE).(FG) ]
OA211 AMSCO-OA211 Datasheet
9Kb / 1P
OA211 is an OR / AND circuit providing the logical function Q = [ (AB).C.D ].
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
AND / OR circuit providing the logical function Q
logo
List of Unclassifed Man...
AO211 ETC-AO211 Datasheet
9Kb / 1P
AO211 is an AND / OR circuit providing the logical function Q = (A.BCD).
ON22 ETC-ON22 Datasheet
11Kb / 1P
ON22 is an OR / NAND circuit providing the logical function Q = NOT [ (AB).(CD) ].
OA22 ETC1-OA22 Datasheet
11Kb / 1P
OR / AND circuit providing the logical function Q
ON21 ETC1-ON21 Datasheet
10Kb / 1P
ON21 is an OR / NAND circuit providing the logical function Q = NOT ( (AB) C )
logo
ams AG
AO311 AMSCO-AO311 Datasheet
13Kb / 1P
AO311 is an AND / OR circuit providing the logical function Q = (A.B.CDE).
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com