Electronic Components Datasheet Search
  English  ▼

X  

CL545A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CL545A
Description  5A Surface Mount Low Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CL545A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CL545A Datasheet HTML 1Page - Chip Integration Technology Corporation CL545A Datasheet HTML 2Page - Chip Integration Technology Corporation CL545A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
CL545A
5A Surface Mount Low Barrier Diode
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Forward voltage drop
Reverse current
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
Note : 1.FR-4 PCB, 2oz.Copper.
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CL545A
UNIT
-65 ~ +150
5
100
A
A
O C/W
O C
30
R
θ J L
Junction to lead(1)
2us - 1KHz
V
R M
V
RW M
V
R R M
45
V
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
150
0.3
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
470
O
V
= V
T = 125 C
R
R R M
J
I
R R M
2
Peak repetitive reverse surge current
O
I = 5A, T = 125 C
F
J
380
321
0.07
100
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AC / SMA
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.08 gram
Dimensions in inches and (millimeters)
Document ID : DS-12KGP
Revised Date : 2015/06/04
Revision : C
CL545
SMA(DO-214AC)
Marking code
0.098 (2.50)
0.067 (1.70)
0.067 (1.70)
0.047 (1.20)
0.114 (2.90)
0.083 (2.10)
0.187 (4.75)
0.157 (4.00)
0.012 (0.30)
TYP.
0.224 (5.70)
0.185 (4.70)
0.061 (1.55)
0.030 (0.75)
0.008 (0.20)
0.003 (0.08)
400


Similar Part No. - CL545A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CL545B CITC-CL545B Datasheet
457Kb / 3P
5A Surface Mount Low Barrier Diode
More results

Similar Description - CL545A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRM560 DIODES-MBRM560_1 Datasheet
84Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 5 - 2
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
logo
Frontier Electronics.
SS52B-LFR FRONTIER-SS52B-LFR Datasheet
124Kb / 2P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
CL545B CITC-CL545B Datasheet
457Kb / 3P
5A Surface Mount Low Barrier Diode
CSL545B-A CITC-CSL545B-A Datasheet
457Kb / 3P
5A Surface Mount Low Barrier Diode
CSL5100B-A CITC-CSL5100B-A Datasheet
469Kb / 3P
5A Surface Mount Low Barrier Diode
CSP545S-A CITC-CSP545S-A Datasheet
464Kb / 3P
5A Surface Mount Low Barrier Diode
CSS560B-A CITC-CSS560B-A Datasheet
458Kb / 3P
5A Surface Mount Super Low Barrier Diode
SK52B CITC-SK52B Datasheet
460Kb / 3P
5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
5A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com