Electronic Components Datasheet Search
  English  ▼

X  

CP5S100S Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CP5S100S
Description  5A Surface Mount Trench Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CP5S100S Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CP5S100S Datasheet HTML 1Page - Chip Integration Technology Corporation CP5S100S Datasheet HTML 2Page - Chip Integration Technology Corporation CP5S100S Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Forward voltage drop
Reverse current
Parameter
I
O
I
F S M
I
R R M
T , T
J
S T G
Forward rectified current
Forward surge current
Thermal resistance(1)
Operating and Storage temperature
Parameter
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CP5S100S
UNIT
-40 ~ +175
5
150
A
A
O C/W
O C
72
R
θ J A
Junction to ambient
Peak repetitive reverse surge current
A
2us - 1kHz
3
Marking code
CP5S100S
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
V
R M
V
RW M
V
R R M
100
V
V
F
I
R
O
V
=70 T = 25 C
R R M
J
O
V
=100 T = 125 C
R R M
J
Conditions
Symbol
TYP.
UNIT
30
0.1
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
470
TO-277
0.216 (5.48)
0.208 (5.28)
0.264 (6.70)
0.248 (6.30)
0.028 (0.71)
0.016 (0.41)
0.028 (0.71)
0.016 (0.41)
0.073 (1.85)
0.069 (1.75)
0.145 (3.69)
0.133 (3.39)
0.069 (1.74)
0.057 (1.44)
0.037 (0.95)
0.033 (0.85)
0.037 (0.95)
0.033 (0.85)
0.124 (3.15)
0.112 (2.85)
0.049 (1.25)
0.037 (0.95)
0.014 (0.35)
0.010 (0.25)
PIN 2
1
3
2
0.077 (1.96)
0.069 (1.76)
PIN 1
PIN 3
• Epoxy : UL94-V0 rated flame retardant.
.
• Case : Molded plastic, TO-277
• Lead : Solder plated, solderable per MIL-STD-750,
Method 2026.
.
• Polarity: Indicated by cathode band
.
• Mounting Position : Any
.
• Weight : Approximated 0.093 grams
5A Surface Mount Trench Schottky Rectifier
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CP5S100SG.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
Note : 1.FR-4 PCB, 2oz.Copper.
CP5S100S
Document ID : DS-12KGX
Revised Date : 2015/06/15
Revision : C
O
I = 5A, T = 125 C
F
J
480
590
0.007
7
O
V
=70 T = 125 C
R R M
J
O
V
=100 T = 25 C
R R M
J
O
I = 3A, T = 25 C
F
J
530
630
O
I = 3A, T = 125 C
F
J
390
mV


Similar Part No. - CP5S100S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CP5 LITTELFUSE-CP5 Datasheet
177Kb / 1P
Current Monitoring Relays and Transducers
2016 Rev: 1-A-062716
logo
PULS GmbH
CP5.241 PULS-CP5.241 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241 PULS-CP5.241 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
881Kb / 26P
24V, 5A, 120W, SINGLE PHASE INPUT
CP5.241-C1 PULS-CP5.241-C1 Datasheet
905Kb / 28P
24V, 5A, 120W, SINGLE PHASE INPUT
More results

Similar Description - CP5S100S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBM540 DIODES-SBM540 Datasheet
71Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30297 Rev. 3 - 2
MBRM560 DIODES-MBRM560_1 Datasheet
84Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30299 Rev. 5 - 2
SBM540 DIODES-SBM540_2 Datasheet
118Kb / 4P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 7 - 2
logo
Chip Integration Techno...
CP5L45S CITC-CP5L45S Datasheet
463Kb / 3P
5A Surface Mount Trench Schottky Rectifier
CP5L100S CITC-CP5L100S Datasheet
464Kb / 3P
5A Surface Mount Trench Schottky Rectifier
CTL5100MASG CITC-CTL5100MASG Datasheet
508Kb / 4P
5A Trench Schottky Rectifier
CTP5L45SG CITC-CTP5L45SG Datasheet
522Kb / 4P
5A Trench Schottky Rectifier
CTP5L60SG CITC-CTP5L60SG Datasheet
500Kb / 4P
5A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT5100D1 DIODES-SDT5100D1 Datasheet
420Kb / 5P
5A TRENCH SCHOTTKY RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
TSSA5U50H TSC-TSSA5U50H Datasheet
441Kb / 6P
5A, 50V - 60V Trench Schottky Surface Mount Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com