Electronic Components Datasheet Search
  English  ▼

X  

PI6C18551 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C18551
Description  3.3V/5V 1 to 4 Clock Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C18551 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C18551 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C18551 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8733A
09/27/04
PI6C18551
3.3V/5V 1 to 4 Clock Buffer
DC Electrical Characteristics (VDD = 3.3V ±5%, TA = -40 to 85°C)
Symbol
Parameters
Condition
Min.
Typ.
Max.
Units
VDD
3.3V I/O Supply Voltage
3.135
3.465
V
VIH
Input High Voltage
CLK_IN, Note 1
VDD/2 + 0.7
3.8
OE
2
VDD
VIL
Input Low Voltage
CLK_IN, Note 1
VDD/2 - 0.7
OE
0.8
VOH
Output High Voltage
IOH = -25mA
2.4
VOL
Output Low Voltage
IOL = 25mA
0.4
VOH
Output High Voltage (CMOS
Level)
IOH = -12mA
VDD – 0.4
IDD
Power Supply Current
No load at 135MHz
18
mA
ZO
Output Impedance
20
Ω
CIN
Input Capacitance
CLK_IN
TBD
pF
OE
TBD
RPU
Internal Pull-up Resistor
CLK_IN & OE
120
kΩ
IOS
Short Circuit Current
±50
mA
Notes:
1. Nominal switching threshold is VDD/2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com