Electronic Components Datasheet Search
  English  ▼

X  

CSL0901MT Datasheet(PDF) 1 Page - Rohm

Part # CSL0901MT
Description  Lens Type LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL0901MT Datasheet(HTML) 1 Page - Rohm

  CSL0901MT Datasheet HTML 1Page - Rohm CSL0901MT Datasheet HTML 2Page - Rohm CSL0901MT Datasheet HTML 3Page - Rohm CSL0901MT Datasheet HTML 4Page - Rohm CSL0901MT Datasheet HTML 5Page - Rohm CSL0901MT Datasheet HTML 6Page - Rohm CSL0901MT Datasheet HTML 7Page - Rohm CSL0901MT Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
l
Features
l
Outline
•
•
l
Size
1006 (0402)
1.0×0.6mm (t=0.2mm)
l
Dimensions
l
Recommended Solder Pattern
l
Specifications
Typ.
IF
Max.
VR
Min.*
2
Typ. Max.*2
IF
Min.
Typ.
IF
(V)
(mA)
(
mA)
(V)
(nm)
(nm)
(nm)
(mA) (mcd) (mcd) (mA)
CSL0901VT
630
174
CSL0901UT
620
185
CSL0901DT
605
405
CSL0901YT
590
320
CSL0901WT
587
290
CSL0901MT
571
140
CSL0901PT
560
34
*1 : Duty 1/10, 1kHz *2 : Reference
-
20
-
20
2.0
20
10
12
-
CSL0901 Series
Lens Type LED
High Brightnes LED
Green
Color
IFP(mA)
Current
VR(V)
Voltage
Dissipation
Current
PD(mW) IF(mA)
Yellow
50
20
Part No.
Chip
Structure
Absolute Maximum Ratings (Ta=25ºC)
AIGaInP
on GaAs
Yellowish
Green
Red
100*
1
12
Orange
-40 to +100 -40 to +100
Topr(ºC)
Tstg(ºC)
Electrical and Optical Characteristics (Ta=25ºC)
Emitting
Power
Forward Peak Forward Reverse
Operating Temp.
Storage Temp.
Forward Voltag VF Reverse Current IR
Dominant Wavelength
lD Luminous Intensity I
V
(unit : mm)
Tolerance :
0.1
(unit : mm)
1608 (0603)
1.6×0.8mm (t=1.24mm)
Color
Type
V
U
D
Y
P
W
M
1/6
2016.03 - Rev.B


Similar Part No. - CSL0901MT

ManufacturerPart #DatasheetDescription
logo
Rohm
CSL0901MT ROHM-CSL0901MT Datasheet
270Kb / 10P
Small LED with Lens
More results

Similar Description - CSL0901MT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AA1101W ETC1-AA1101W Datasheet
160Kb / 2P
1101W Series Standard Type Flat Lens SMT LED
FA1105W ETC1-FA1105W Datasheet
163Kb / 3P
F_1105W Swries, Dome Lens Type AllnGaP SMT LED
logo
STANLEY ELECTRIC CO.,LT...
BR1101W STANLEY-BR1101W Datasheet
162Kb / 2P
1101W Series Standard Type Flat Lens SMT LED
logo
List of Unclassifed Man...
8681 ETC2-8681 Datasheet
439Kb / 1P
LED LENS CAPS
logo
STANLEY ELECTRIC CO.,LT...
HKR1105W-TR STANLEY-HKR1105W-TR Datasheet
156Kb / 2P
H 1105W Series, Dome Lens Type SMT LED
logo
Roithner LaserTechnik G...
LED435-30M32 ROITHNER-LED435-30M32 Datasheet
55Kb / 1P
stem type LED with ball lens
logo
List of Unclassifed Man...
QBLP650-IB ETC1-QBLP650-IB Datasheet
592Kb / 8P
LED with Lens
logo
HB Electronic Component...
PLCC2835-W3-1W HB-PLCC2835-W3-1W Datasheet
965Kb / 8P
Lens Type
PLCC6-0.5W-W3 HB-PLCC6-0.5W-W3 Datasheet
1Mb / 12P
Lens Type
PLCC6-0.5W-W6 HB-PLCC6-0.5W-W6 Datasheet
938Kb / 12P
Lens Type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com