Electronic Components Datasheet Search
  English  ▼

X  

PML18EZPJV Datasheet(PDF) 3 Page - Rohm

Part # PML18EZPJV
Description  Ultra-low ohmic chip resistors for current detection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

PML18EZPJV Datasheet(HTML) 3 Page - Rohm

  PML18EZPJV Datasheet HTML 1Page - Rohm PML18EZPJV Datasheet HTML 2Page - Rohm PML18EZPJV Datasheet HTML 3Page - Rohm PML18EZPJV Datasheet HTML 4Page - Rohm PML18EZPJV Datasheet HTML 5Page - Rohm PML18EZPJV Datasheet HTML 6Page - Rohm PML18EZPJV Datasheet HTML 7Page - Rohm PML18EZPJV Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PML series
Datasheet
●
Derating curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below.
■PML10/18/50/100
PML10/18/50/100
●
Characteristics (PML10/18/50/100)
Test items
Guaranteed >
Test conditions
Resistor type
Resistance
See P.1
20℃
Measuring method : Measure Bottom termination
by 4 proves.
Variation of resistance
with temperature
See P.1
Measurement:+25/-55, +25/+125℃
Overload
±(2.0%+0.0001Ω)
Rated power×2.5, 2s
Solderability
Anew uniform coating of minimum
of 95% of the surface being
immersed and no soldering
damage.
Rosin-ethanol solution(25% weight)
Soldering condition:245±5℃
Duration of immersion:2.0±0.5s
Resistance to
soldering heat
±(1.0%+0.0001Ω)
No remarkable abnormality on the appearance.
Soldering condition:260±5℃
Duration of immersion:10±1s
Rapid change of
temperature
±(1.0%+0.0001Ω)
Test temp:-55℃~+125℃ 5cycle
Damp heat, steady state
±(3.0%+0.0001Ω)
40℃,93%(Relative humidity)
Test time:1,000h
Endurance at 70℃
±(3.0%+0.0001Ω)
70℃,Rated power
1.5h:ON-0.5h:OFF
Test time:1,000h
Endurance
±(3.0%+0.0001Ω)
155℃
Test time:1,000h
Resistance to solvent
±(0.5%+0.0001Ω)
23±5℃ Immersion cleaning, 5±0.5min
Solvent: 2-propanol
Bend strength of
the end face plating
Wihout open.
-
Compliance Standard(s) : IEC60115-8
JISC 5201-8
www.rohm.com
© 2016 ROHMCo., Ltd. All rights reserved.
3/4
2017.01 - Rev.D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com