Electronic Components Datasheet Search
  English  ▼

X  

IC-DP Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-DP
Description  HIGHSIDE SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DP Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-DP Datasheet HTML 2Page - IC-Haus GmbH IC-DP Datasheet HTML 3Page - IC-Haus GmbH IC-DP Datasheet HTML 4Page - IC-Haus GmbH IC-DP Datasheet HTML 5Page - IC-Haus GmbH IC-DP Datasheet HTML 6Page - IC-Haus GmbH IC-DP Datasheet HTML 7Page - IC-Haus GmbH IC-DP Datasheet HTML 8Page - IC-Haus GmbH IC-DP Datasheet HTML 9Page - IC-Haus GmbH IC-DP Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
iC-DP
HIGHSIDE SWITCH
Rev D1, Page 7/10
ELECTRICAL CHARACTERISTIC: DIAGRAMS
Simulation Data
(current consumption without load; leakage currents not included)
I(NI) [mA]
I(NI) [mA]
V(PI)-V(NI) [V]
V(PI)-V(NI) [V]
0
2
4
6
8
10
12
14
-2
-1
0
Figure 1: NI input current, no load
I(NI) [mA]
I(NI) [mA]
V(PI)-V(NI) [V]
V(PI)-V(NI) [V]
0
2
-1
4
6
8
10
12
14
-2
0
Figure 2: NI input current, I(DP) = -5 mA
I(NI) [mA]
I(NI) [mA]
V(PI)-V(NI) [V]
V(PI)-V(NI) [V]
0
2
4
6
8
10
12
14
-2
-1
0
Figure 3: NI input current, I(DP) = -100 mA
I(PI) [mA]
I(PI) [mA]
V(PI)-V(NI) [V]
V(PI)-V(NI) [V]
0
2
0.25
4
6
8
10
12
14
1.0
0
Figure 4: PI input current, load independent
I(VP) [mA]
I(VP) [mA]
V(PI)-V(NI) [V]
V(PI)-V(NI) [V]
0
2
4
6
8
10
12
14
1
2
Figure 5: VP supply current, no load
Isc(DP) [A]
Isc(DP) [A]
V(PI)-V(NI) [V]
V(PI)-V(NI) [V]
0
10
20
30
40
-0.8
0
-0.7
-0.2
-0.1
-0.3
Figure 6: DP short-circuit output current
I(DP) [A]
V(VP)-V(DP) [V]
0
4
36
35
2
0.8
0.6
0.2
0.4
0
Figure 7: DP output characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com