Electronic Components Datasheet Search
  English  ▼

X  

IC-DX3 Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-DX3
Description  UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DX3 Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-DX3 Datasheet HTML 3Page - IC-Haus GmbH IC-DX3 Datasheet HTML 4Page - IC-Haus GmbH IC-DX3 Datasheet HTML 5Page - IC-Haus GmbH IC-DX3 Datasheet HTML 6Page - IC-Haus GmbH IC-DX3 Datasheet HTML 7Page - IC-Haus GmbH IC-DX3 Datasheet HTML 8Page - IC-Haus GmbH IC-DX3 Datasheet HTML 9Page - IC-Haus GmbH IC-DX3 Datasheet HTML 10Page - IC-Haus GmbH IC-DX3 Datasheet HTML 11Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
preliminary
preliminary
iC-DX3
UNIVERSAL DIGITAL SENSOR OUTPUT DRIVER
Rev A1, Page 9/11
TIMING DESCRIPTION
The iC-DX3 has a built-in spurious pulse suppression
that prevents short (undesired) pulses at the input pins
from reaching the output. Every pulse at OE or IN
pins shorter than 1.6 µs (cf. Electrical Characteristics
No. 306) will be ignored and the output will not re-
act. The minimum required pulse length to be sure
that the output reacts is 4 µs (cf. Electrical Characteris-
tics No. 307). That means that every pulse longer than
4 µs will be propagated to the output but with an addi-
tional propagation delay of 1.2 µs maximum. The re-
sulting maximum propagation delay is 5.2 µs (cf. Elec-
trical Characteristics No. 305).
OUT
IN
NEP
tpio
ttrig()
EN
Figure 7: Timing diagram in push-pull operation
mode
36V
High Side Switch
DIGITAL INPUT
VREF
REG
&
<150 C
&
CVB
NEP
EN
1μF
CVOUT
100nF..
iC-DX3
36V
Low Side Switch
+
-
OUT
3.3V
IN
GND
VB
GND
VOUT
OE
..30V
VB
Figure 8: Block diagram with EN and NEP internal
signals
CIRCUIT PROTECTION
The iC-DX3 is reverse polarity protected via internal
circutry. As far as the maximum voltage ratings are not
exceeded, no possible supply combination at the line
side pins (VB, GND and OUT) can damage the chip.
Since the chip current consumption is relatively low,
discharging of the backup capacitor C1 can be very
slow, and injected charge through disturbances may
in general result in capacitor voltage exceeding maxi-
mum ratings, leading to malfunction or destruction of
circuitry and associated parts.
Thus EMC require-
ments will afford more external circuitry.
Figure 9
shows the iC-DX3 with the additional protective device
D1, D2 and D3.
For over-voltage protection, the suppressor diodes
D1,D2 and D3 absorbs transients on supply line in-
jected externally on the cable. Clamp voltage of the
diodes should be rated slightly above maximum speci-
fied supply voltage.
These currents can be passed to ground or to VB
by the internal ESD diodes of the iC-DX3. Whereas
negative current injection will simply be drained off to
ground, positive current injection will charge capacitor
C1 further to higher voltages. If not suppressor diodes
nor any other over-voltage protection is implemented,
the backup capacitor C1 should be kept small. A typi-
cal 100nF value is normally sufficient.
Suggested protective devices
At VBmax of 36V, suppressor diodes with a breakdown
voltage from 36V has to be chosen in order to minimize
the energie in iC-DX3 for higher voltages. For example
diode type like Vishay GSOT36C or PJSD36W from
Pan Jit should be enouch as protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com