Electronic Components Datasheet Search
  English  ▼

X  

IC-HTP Datasheet(PDF) 48 Page - IC-Haus GmbH

Part # IC-HTP
Description  DUAL CW P-TYPE LASER DIODE DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HTP Datasheet(HTML) 48 Page - IC-Haus GmbH

Back Button IC-HTP Datasheet HTML 43Page - IC-Haus GmbH IC-HTP Datasheet HTML 44Page - IC-Haus GmbH IC-HTP Datasheet HTML 45Page - IC-Haus GmbH IC-HTP Datasheet HTML 46Page - IC-Haus GmbH IC-HTP Datasheet HTML 47Page - IC-Haus GmbH IC-HTP Datasheet HTML 48Page - IC-Haus GmbH IC-HTP Datasheet HTML 49Page - IC-Haus GmbH IC-HTP Datasheet HTML 50Page - IC-Haus GmbH IC-HTP Datasheet HTML 51Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
prel
imin
ary
prel
imin
ary
iC-HTP
DUAL CW P-TYPE LASER DIODE DRIVER
Rev B1, Page 48/51
EXTT2
Addr. 0x1A; bit 7
R/W 0
0
External transistor driver for channel 2 disabled
1
External transistor driver for channel 2 enabled
Table 134: Enable external transistor driver 2
ADFNS2
Addr. 0x1A; bit 6
R/W 0
0
ADC measurement PLR2 after level shifting (sense)
1
ADC measurement MDK2 pad (force)
Table 135: ADC channel 2 force/sense selection
CMES2
Addr. 0x1A; bit 5
R/W 0
0
ADC current measurement disabled for channel 2
1
ADC current measurement enabled for channel 2
Table 136: ADC current measurement for
channel 2 selection
CRNG2(1:0)
Addr. 0x1E; bit 5:4
R/W 00
00
Output current range from 0 to 750 mA, RACC2 = 0,
k factor set to 750/750 = 1
01
Output current range from 0 to 100 mA, RACC2 = 0,
k factor set to 100/750,= 0.13
10
Output current range from 0 to 25 mA, RACC2 = 0, k
factor set to 25/750 = 0.03
11
Output current range from 0 to 9 mA, RACC2 = 0, k
factor set to 9/750 = 0.012
00
Output current range from 0 to 90 mA, RACC2 = 1, k
factor set to 750/750 = 1
01
Output current range from 0 to 12 mA, RACC2 = 1, k
factor set to 100/750 = 0.13
10
Output current range from 0 to 3 mA, RACC2 = 1, k
factor set to 25/750 = 0.03
11
Output current range from 0 to 1.1 mA, RACC2 = 1, k
factor set to 9/750 = 0.012
Table 137: Current range channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com