Electronic Components Datasheet Search
  English  ▼

X  

IC-MZ Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-MZ
Description  DIFFERENTIAL HALL SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MZ Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-MZ Datasheet HTML 1Page - IC-Haus GmbH IC-MZ Datasheet HTML 2Page - IC-Haus GmbH IC-MZ Datasheet HTML 3Page - IC-Haus GmbH IC-MZ Datasheet HTML 4Page - IC-Haus GmbH IC-MZ Datasheet HTML 5Page - IC-Haus GmbH IC-MZ Datasheet HTML 6Page - IC-Haus GmbH IC-MZ Datasheet HTML 7Page - IC-Haus GmbH IC-MZ Datasheet HTML 8Page - IC-Haus GmbH IC-MZ Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
iC-MZ
DIFFERENTIAL HALL SWITCH
Rev B2, Page 1/12
FEATURES
o Dual Hall sensors set 2.0 mm apart
o Magnetic field frequency range from DC to 40 kHz
o Supply voltage range 4.5 to 36 V
o Complementary push-pull line driver outputs with integrated
line adaptation
o Output stages are current limited and short-circuit-proof due to
temperature shutdown
o Min. 200 mA output current at 24 V supply voltage
o Low driver stage saturation voltage (< 0.4 V at 30 mA)
o RS422-compatible (TIA / EIA standard)
o Temperature and supply voltage monitor with error messaging
o Amplified differential sensor signal, accessible for diagnostic
purposes
o Additional mode of operation (twofold line driver)
o Temperature range from -40°C to 125°C
APPLICATIONS
o Gear wheel sensing
o Pole wheel and magnetic tape
scanning
o Magnetic incremental encoders
o Proximity switches
o Two-channel line drivers up to
100 kHz
PACKAGES
DFN10 4 mm x 4 mm
BLOCK DIAGRAM
D
ND
A
NA
NERR
TEST
GND2
GND1
VPA
VB
4.5 ... 36 V
LINE
Copyright © 2015 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-MZ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MZ ICHAUS-IC-MZ Datasheet
323Kb / 11P
DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ Datasheet
323Kb / 11P
DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ Datasheet
274Kb / 12P
DIFFERENTIAL HALL SWITCH
IC-MZDFN10 ICHAUS-IC-MZDFN10 Datasheet
323Kb / 11P
DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_11 Datasheet
323Kb / 11P
DIFFERENTIAL HALL SWITCH
More results

Similar Description - IC-MZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4925 INFINEON-TLE4925 Datasheet
1Mb / 25P
Differential Hall Sensor
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
Differential Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
Differential Hall Effect Sensor IC
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
Differential Hall-Effect Sensor IC
logo
IC-Haus GmbH
IC-MZ ICHAUS-IC-MZ Datasheet
323Kb / 11P
DIFFERENTIAL HALL SWITCH
logo
Infineon Technologies A...
TLE4927C INFINEON-TLE4927C Datasheet
163Kb / 5P
Dynamic Differential Hall Effect Sensor
Version 1.1
logo
IC-Haus GmbH
IC-MZ ICHAUS-IC-MZ_11 Datasheet
323Kb / 11P
DIFFERENTIAL HALL SWITCH
IC-MZ ICHAUS-IC-MZ_13 Datasheet
274Kb / 12P
DIFFERENTIAL HALL SWITCH
logo
MagnaChip Semiconductor...
MXM1170 MGCHIP-MXM1170 Datasheet
76Kb / 1P
Hall switch
logo
Infineon Technologies A...
TLE4924C-2E6547 INFINEON-TLE4924C-2E6547 Datasheet
150Kb / 7P
Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com