Electronic Components Datasheet Search
  English  ▼

X  

COM-BYTC2 Datasheet(PDF) 1 Page - AAEON Technology

Part # COM-BYTC2
Description  DDR3L SODIMM x 1, up to 8 GB, non-ECC Support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-BYTC2 Datasheet(HTML) 1 Page - AAEON Technology

  COM-BYTC2 Datasheet HTML 1Page - AAEON Technology COM-BYTC2 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DDR3L SODIMM
Intel® Atom™
E3800/Celeron®
Features
Specifications
COM-BYTC2
COM Express Type 2 Compact Size with Intel® Atom™/ Celeron® Processor
• M2.5 Screw x 5
• Product CD
• COM-BYTC2
Packing List
• TF-ECB-916M-B11-01
COM Express Carrier board, microATX, Dual Ethernet, 2 COM (Winbond), USB, PCI-Express, AT/ATX, Rev.B1.1
• PER-A126
Heat Spreader, For COM-BYTC2, Onboard CPU
• TF-PER-A117
Passive Heatsink, to be used with Heat Spreader
• COM-FAN02
CPU Cooler, 95 x 95 x 26.5mm, Sliver, use with HSP
Optional Accessories
■
■ Intel® Atom™/ Celeron® Processor SoC
■
■ DDR3L SODIMM x 1, up to 8 GB, non-ECC Support
■
■ Gigabit Ethernet x 1
■
■ 18/24-bit Dual Channel LVDS LCD, VGA, eDP
■
■ High Definition Audio Interface
■
■ SATA x 1, PATA x 1 (1 Device)
■
■ USB 2.0 x 7, USB 3.0 x 1, GPIO 8-bit, PCI-Express [x1] x 2 (Optional,
up to 3), 32-bit PCI x 4
■
■ COM Express Type 2 Compact Size 95mm x 95mm
System
Form Factor
COM Express Compact Size
CPU
Onboard Intel® Atom™ Processor SoC
CPU Frequency
Up to J1900 1.91 GHz, Quad core
Chipset
Intel® Atom™ SoC
Memory Type
DDR3L 1066/1333, SODIMM x 1
Max. Memory Capacity
8GB
BIOS
AMI BIOS, Legacy Free
Wake on LAN
Yes
Watchdog Timer
255 levels
Power Requirement
Standard: +12V
Power Supply Type
AT/ATX Selection
Power Consumption
(Typical)
1A@ 12V with J1900, full load
Dimension (L x W)
3.75" x 3.75" (95mm x 95mm)
Operating Temperature
32˚F ~ 140˚F (0˚C ~ 60˚C)
Storage Temperature
-4˚F ~ 158˚F (-20˚C ~ 70˚C)
Operating Humidity
10% ~90% relative humidity, non-condensing
MTBF (Hours)
80,000
Certification
CE/FCC Class A
Display
VGA/LCD Controller
Intel® Atom™ SoC
Video Output
VGA, LVDS, eDP
I/O
Ethernet
Intel® I210IT, Gigabit Ethernet
Audio
HD Audio
USB Port
USB2.0 x 7
Serial Port
—
HDD Interface
SATA x 1, PATA x 1
Onboard SSD
—
Expansion Slot
PCIe[x1] x 2, PCI x 4, I2C, LPC, SMBus
DIO
GPIO 8-bit
TPM
Optional
06
06-15
06-16
www.aaeon.com
www.aaeon.com
Note: All specifications are subject to change without notice.
Note: All specifications are subject to change without notice.


Similar Part No. - COM-BYTC2

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-BT AAEON-COM-BT Datasheet
319Kb / 2P
high definition autio interface
COM-BT-A10-0001 AAEON-COM-BT-A10-0001 Datasheet
319Kb / 2P
high definition autio interface
COM-BT-A10-0002 AAEON-COM-BT-A10-0002 Datasheet
319Kb / 2P
high definition autio interface
COM-BT-A10-0003 AAEON-COM-BT-A10-0003 Datasheet
319Kb / 2P
high definition autio interface
COM-BT-A10-0004 AAEON-COM-BT-A10-0004 Datasheet
319Kb / 2P
high definition autio interface
More results

Similar Description - COM-BYTC2

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SHB211 AXIOMTEK-SHB211 Datasheet
180Kb / 1P
2 DDR3 SODIMM support up to 8 GB
EBOX626-841-FL AXIOMTEK-EBOX626-841-FL Datasheet
251Kb / 1P
High performance 204-pin DDR3L-1066/1333 SODIMM max. up to 8 GB
CAPA843 AXIOMTEK-CAPA843 Datasheet
326Kb / 1P
2 DDR3L SO-DIMM support up to 8 GB memory capacity
CEM880 AXIOMTEK-CEM880_16 Datasheet
268Kb / 1P
On-board 4 GB DDR3L and 1 DDR3L SO-DIMM up to 8 GB
MANO840 AXIOMTEK-MANO840_16 Datasheet
322Kb / 1P
1 DDR3L-1333 MHz max up to 8 GB
MANO842 AXIOMTEK-MANO842 Datasheet
338Kb / 1P
1 DDR3L-1333 MHz max. up to 8 GB
logo
AAEON Technology
COM-APLC6 AAEON-COM-APLC6 Datasheet
448Kb / 2P
SODIMM DDR3L 1867 x 2 up to 8 GB, ECC only
EMB-BSW1 AAEON-EMB-BSW1 Datasheet
430Kb / 2P
DDR3L 1333/1600 MHz SODIMM x 2, Up to 8 GB
EMB-BSW2 AAEON-EMB-BSW2 Datasheet
456Kb / 2P
DDR3L 1600 MHz SODIMM x 1, Up to 8 GB
logo
Advantech Co., Ltd.
SOM-5894 ADVANTECH-SOM-5894_16 Datasheet
957Kb / 2P
Dual DDR3L-1333/1600 SODIMM sockets up to 16 GB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com