Electronic Components Datasheet Search
  English  ▼

X  

XC9301 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9301
Description  PWM, PWM/PFM Switching Step-Up & Down DC/DC Converter Controller ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9301 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9301 Datasheet HTML 1Page - Torex Semiconductor XC9301 Datasheet HTML 2Page - Torex Semiconductor XC9301 Datasheet HTML 3Page - Torex Semiconductor XC9301 Datasheet HTML 4Page - Torex Semiconductor XC9301 Datasheet HTML 5Page - Torex Semiconductor XC9301 Datasheet HTML 6Page - Torex Semiconductor XC9301 Datasheet HTML 7Page - Torex Semiconductor XC9301 Datasheet HTML 8Page - Torex Semiconductor XC9301 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
XC9301/9302
Series
600
6
■Block Diagram
Ramp Wave
OSC
Error Amp.
Buffer,
Driver
PWM/PFM
Controller
Compensation
VOUT
CE
Vref with
Soft Start,
+
-
+
-
Generator,
PWM
Comparator
Phase
CE
GND
EXT/
VDD
■Absolute Maximum Ratings
Ta = 25℃
VDD Pin Voltage
-0.3∼12
V
VOUT Pin Voltage
-0.3∼12
V
CE Pin Voltage
-0.3∼12
V
EXT / Pin Voltage
-0.3∼VDD+0.3
V
EXT / Pin Current
I EXT/
±100
mA
Power Dissipation
Pd
150
mW
Operating Ambient Temp.
Topr
-40∼+85
℃
Storage Temp.
Tstg
-40∼+125
℃
PARAMETER
SYMBOL
RATINGS
UNITS
VDD
VOUT
VCE
VEXT/
06S_15XC9301/02新規 02.9.12 3:28 PM ページ 600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com