Electronic Components Datasheet Search
  English  ▼

X  

MS5637 Datasheet(PDF) 2 Page - Humirel

Part # MS5637
Description  Digital Pressure and Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

MS5637 Datasheet(HTML) 2 Page - Humirel

  MS5637 Datasheet HTML 1Page - Humirel MS5637 Datasheet HTML 2Page - Humirel MS5637 Datasheet HTML 3Page - Humirel MS5637 Datasheet HTML 4Page - Humirel MS5637 Datasheet HTML 5Page - Humirel MS5637 Datasheet HTML 6Page - Humirel MS5637 Datasheet HTML 7Page - Humirel MS5637 Datasheet HTML 8Page - Humirel MS5637 Datasheet HTML 9Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MEAS MS5637 DCS FOR ZedBoard
Digital Pressure and Temperautre Sensor
SENSOR SOLUTIONS /// MEAS MS5637 DCS DEVELOPMENT KIT
07/2016
Page 2
Drivers & Software
Detailed example software and drivers are available that execute directly, without modification, on a number of development
boards that support an integrated or synthesized microprocessor. The download contains several source files intended to
accelerate customer evaluation and design. The source code is written in standard ANSI C format, and all development
documentation including theory/operation, register description, and function prototypes are documented in the interface file.
Functions Summary
Enumerations
enum
ms5637_status { ms5637_status_ok, ms5637_status_i2c_transfer_error, ms5637_status_crc_error }
enum
ms5637_resolution_osr { ms5637_resolution_osr_256, ms5637_resolution_osr_512, ms5637_resolution_osr_1024,
ms5637_resolution_osr_2048, ms5637_resolution_osr_4096, ms5637_resolution_osr_8192 }
Functions
void
ms5637_init (u32)
Initializes the AXI address of the AXI IIC Core and the internal resolution variable to ms5637_resolution_osr_8192 to reflect
the sensor’s initial resolution value on reset.
enum
ms5637_status
ms5637_reset (void)
Sends I2C reset command to the MS5637 device.
enum
ms5637_status
ms5637_read_prom (void)
Reads the factory calibrated coefficients for use in temperature and pressure conversion.
enum
ms5637_status
ms5637_set_resolution (enum ms5637_resolution)
Read the user register from the device, modify its contents to reflect the resolution that is passed in to this function, and
then write the updated user register value to the MS5637 device.
enum
ms5637_status
ms5637_read_temperature_and_pressure (float* t, float* p)
Send the I2C commands to start a temperature conversion, wait for completion, read the temperature value, start a
pressure conversion, wait for completion, read the pressure value, and use the PROM coefficients to calculate
compensated values.
Project Setup
This project is based on a ZedBoard. The FPGA hardware and the console application will be loaded via SD card.
You will need:
ZedBoard
MS5637 sensor for Digilent Pmod™ board
SD card
ZedBoard power adapter
USB-to-MicroUSB cable for UART communications
A computer with a card reader to write to the SD card and to host a terminal emulator
The following steps will guide you through setting up the hardware platform:
1. First, if you have not connected your computer to a ZedBoard of MicroZed device before, you will likely need to download
and install the Silicon Labs CP2104 USB-to_UART driver. The setup guide for installing the driver can be found at the
address below: http://www.zedboard.org/sites/default/files/documentations/CP210x_Setup_Guide_1_2.pdf
2. Next, attach the SD card to your computer via a card reader or through the built-in SD card slot.
Download the “boot.bin”
file that pertains to the MS5637 from the software link and copy it onto the SD card so that it is the only file present on the
file system.
ZedBoard, MicroZed and Digilent Pmod
™ are trademarks.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com