Electronic Components Datasheet Search
  English  ▼

X  

AWB31D2 Datasheet(PDF) 8 Page - Advanced Semiconductor Business Inc.

Part # AWB31D2
Description  1.2GHz CATV Push-pull Amplifier MMIC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB31D2 Datasheet(HTML) 8 Page - Advanced Semiconductor Business Inc.

Back Button AWB31D2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB31D2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB31D2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB31D2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB31D2 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB31D2 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AWB31D2 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB31D2 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB31D2 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8/15
ASB Inc.
 sales@asb.co.kr
June 2017
AWB31D2
4. Application: 50 ~ 1200 MHz (75
 Push-pull, Vsupply = +8 V)
4.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB31D2
-
-
MMIC Amplifier
ASB
C1, C2, C6, C7
1
F
0603
DC blocking capacitor
Murata
C3, C8
1
F
0603
Feedback capacitor
Murata
C4, C9
10
F
0805
Decoupling capacitor
Murata
C5, C10
2 pF
0603
Matching capacitor
Murata
C11
0.75 pF
0603
Matching capacitor
Murata
L1, L3
1
H
1206
RF choke inductor
Murata
L2, L4
2.7 nH
0603
Matching inductor
Murata
R1, R2
200
0603
Feedback resistor
Samsung
R3
10
0402
Current adjust resistor
Samsung
R4
820
0402
VCG adjust resistor
Samsung
T1, T2
1:1
-
Transformer balun
MACOM
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
L1
L2
L3
L4
T1(MABA-007159)
T2(MABA-007159)
R1
R2
R3
R4
AWB31D2
RF IN
Vdevice = +8 V
Vdevice = +8 V
RF OUT
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-S8-H1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com