Electronic Components Datasheet Search
  English  ▼

X  

AWB312 Datasheet(PDF) 17 Page - Advanced Semiconductor Business Inc.

Part # AWB312
Description  5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB312 Datasheet(HTML) 17 Page - Advanced Semiconductor Business Inc.

Back Button AWB312 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 18Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 19Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 20Page - Advanced Semiconductor Business Inc. AWB312 Datasheet HTML 21Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17/25
ASB Inc.
 sales@asb.co.kr
February 2017
AWB312
7.2
Performance Table
Supply voltage = +5 V, TA = +25
C, ZO = 75 
Parameter
Reverse
Unit
Frequency
5
50
300
MHz
Noise Figure
-
2.9
3.0
dB
Gain
11.0
11.7
10.9
dB
S11
-23.5
-25.0
-18.0
dB
S22
-21.0
-21.0
-11.5
dB
Output P1dB
11.0
19.0
19.0
dBm
Output IP31)
30
34
34
dBm
Output IP21), 2)
51
62
53
dBm
Current
110
mA
Device Voltage
+5
V
1)
OIP3 and OIP2 are measured with two tones at the output power of 0 dBm/tone separated by 1
MHz.
2)
OIP2 is measured at F1+F2 Frequency.
7.3
Plot of S-parameter & Stability Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com