Electronic Components Datasheet Search
  English  ▼

X  

AWB319 Datasheet(PDF) 14 Page - Advanced Semiconductor Business Inc.

Part # AWB319
Description   5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB319 Datasheet(HTML) 14 Page - Advanced Semiconductor Business Inc.

Back Button AWB319 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 15Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 16Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 17Page - Advanced Semiconductor Business Inc. AWB319 Datasheet HTML 18Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14/18
ASB Inc.
 sales@asb.co.kr
February 2017
AWB319
Note: MABA-007159 1:1 impedance transformers are used.
6. Application: 50 ~ 860 MHz (CATV Push-Pull forward, Vsupply = +6.5 V)
6.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB319
-
-
MMIC Amplifier
ASB
C1, C6
1.5 pF
0603
Matching capacitor
Murata
C2, C4, C7
C9
1.0
F
0603
DC blocking capacitor
Murata
C3, C8
1.0
F
0603
Feedback capacitor
Murata
C5, C10
10
F
0805
Decoupling capacitor
Murata
L1, L2
1.0
H
1206
RF choke inductor
Murata
R1, R2
510
0603
Feedback resistor
Samsung
Transformer
1 : 1
1 : 1
Transformer
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-89-B9-SM22-REV1
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
L1
L2
R1
R2
1 : 1
1 : 1
AWB319
AWB319
Vdevice = +6.5 V
RF IN
Vdevice = +6.5 V
RF OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com