Electronic Components Datasheet Search
  English  ▼

X  

2SD2256 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SD2256
Description  Silicon NPN Triple Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD2256 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SD2256 Datasheet HTML 1Page - Hitachi Semiconductor 2SD2256 Datasheet HTML 2Page - Hitachi Semiconductor 2SD2256 Datasheet HTML 3Page - Hitachi Semiconductor 2SD2256 Datasheet HTML 4Page - Hitachi Semiconductor 2SD2256 Datasheet HTML 5Page - Hitachi Semiconductor 2SD2256 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD2256
3
Maximum Collector Dissipation Curve
120
80
40
0
50
100
150
Case temperature TC (°C)
100
10
30
3
1.0
0.3
0.1
330
10
100
300
Collector to emitter voltage VCE (V)
Ta = 25
°C
1 shot pulse
iC(peak)
IC(max)
Area of Safe Operation
TC = 25°C
IB = 0
20
16
12
8
4
0
1
Collector to emitter voltage VCE (V)
35
24
Typical Output Characteristics
1.0 mA
1.5
2.0
2.5
3.0
3.5
4.0
10,000
3,000
1,000
100
300
30
10
0.1
0.3
1.0
100
30
Collector current IC (A)
10
3
VCE = 4 V
T C
=
75
°C
25
°C
–25
°C
DC Current Transfer Ratio
vs. Collector Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com