Electronic Components Datasheet Search
  English  ▼

X  

AWB31F5 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # AWB31F5
Description  1.2 GHz CATV Push-pull Amplifier MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB31F5 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  AWB31F5 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB31F5 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB31F5 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB31F5 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB31F5 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB31F5 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB31F5 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
ASB Inc.
 sales@asb.co.kr
July 2015
AWB31F5
3. Application: 50 ~ 1200 MHz (75
 Push-pull, Vsupply = +5 V)
3.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB31F5
-
-
MMIC Amplifier
ASB
C1, C2, C4, C5
1
F
0603
DC blocking capacitor
Murata
C3, C6
10
F
0805
Decoupling capacitor
Murata
C7, C8, C9
0.75 pF
0603
Matching capacitor
Murata
L1, L2
1
H
1206
RF choke inductor
Murata
L3, L4
1.8 nH
0603
Matching inductor
Murata
T1, T2
1:1
-
Transformer balun
MACOM
C1
C2
C3
C4
C5
C6
C7
C8
C9
L1
L2
L3
L4
T1(MABACT0040)
T2(MABACT0040)
AWB31F5
RF IN
Vdevice = +5 V
Vdevice = +5 V
RF OUT
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-S8-H2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com