Electronic Components Datasheet Search
  English  ▼

X  

AWB51D2 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # AWB51D2
Description  1.2 GHz CATV Push-pull Amplifier MMIC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB51D2 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  AWB51D2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB51D2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
ASB Inc.
 sales@asb.co.kr
June 2017
AWB51D2
3. Application: 50 ~ 1200 MHz (75
 Push-pull, Vsupply = +8 V)
3.1
Application Circuit & Evaluation Board
Bill of Material
Symbol
Value
Size
Description
Manufacturer
AWB51D2
-
-
MMIC Amplifier
ASB
C1, C2, C7, C8
1
F
0603
DC blocking capacitor
Murata
C3, C9
1
F
0603
Feedback capacitor
Murata
C4, C10
10
F
0805
Decoupling capacitor
Murata
C5, C11
0.5 pF
0603
Matching capacitor
Murata
C6, C12
0.75 pF
0402
Matching capacitor
Murata
L1, L2
1
H
1206
RF choke inductor
Murata
R1, R2
360
0603
Feedback resistor
Samsung
R3
0
0402
Current adjust resistor
Samsung
R4, R5
1.8 k
0402
VCG adjust resistor
Samsung
T1, T2
1:1
-
Transformer balun
MACOM
C1
L1
R1
T2(MABACT0040)
C2
C3
C6
C4
C7
C8
C9
C10
C12
L2
R2
C5
C11
T1(MABACT0040)
R3
R4
R5
AWB51D2
Vdevice = +8 V
RF OUT
Vdevice = +8 V
RF IN
PCB Information
Material
FR4
Thickness (mm)
0.8
Size (mm)
40x40
EB No.
EB-T24-H4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com