Electronic Components Datasheet Search
  English  ▼

X  

24AA128 Datasheet(PDF) 12 Page - Microchip Technology

Part # 24AA128
Description  128K I2C CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA128 Datasheet(HTML) 12 Page - Microchip Technology

Back Button 24AA128 Datasheet HTML 8Page - Microchip Technology 24AA128 Datasheet HTML 9Page - Microchip Technology 24AA128 Datasheet HTML 10Page - Microchip Technology 24AA128 Datasheet HTML 11Page - Microchip Technology 24AA128 Datasheet HTML 12Page - Microchip Technology 24AA128 Datasheet HTML 13Page - Microchip Technology 24AA128 Datasheet HTML 14Page - Microchip Technology 24AA128 Datasheet HTML 15Page - Microchip Technology 24AA128 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
24AA128/24LC128/24FC128
DS21191M-page 12
 2004 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead TSSOP
Example
:
XXXXXXXT
YYWW
NNN
8-Lead MSOP
Example:
XXXXXT
YWWNNN
4L128I
101017
24LC128I
0110
017
8-Lead DFN-S
Example
:
XXXXXXX
T/XXXXX
YYWW
24LC128
I/MF
YYWW
NNN
NNN
TSSOP Package Codes
MSOP Package Codes
Part No.
STD
Pb-free
STD
Pb-free
24AA128
4AC
G4AC
4A128
G4AC
24LC128
4LC
G4LC
4L128
G4LC
24FC128
4FC
G4FC
4F128
G4FC
Legend:
XX...X
Customer specific information*
T
Temperature grade (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:In the event the full Microchip part number cannot be marked on one line, it will be
carried over to the next line thus limiting the number of available characters for customer
specific information.
*Standard device marking consists of Microchip part number, year code, week code, and traceability code. For
device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com