Electronic Components Datasheet Search
  English  ▼

X  

IC-LSC Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-LSC
Description  12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-LSC Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-LSC_13 Datasheet HTML 1Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 2Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 3Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 4Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 5Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 6Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 7Page - IC-Haus GmbH IC-LSC_13 Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
iC-LSC
12-CHANNEL ACTIVE PHOTOSENSOR ARRAY
Rev C3, Page 3/8
PIN CONFIGURATION
oBGA LS2C (6.2 mm x 5.2 mm)
PIN FUNCTIONS
No. Name Function
1 VCC
+4...5.5 V Supply Voltage
2 A1
Highside Current Source Output
3 B1
Highside Current Source Output
4 C1
Highside Current Source Output
5 D1
Highside Current Source Output
6 E1
Highside Current Source Output
7 F1
Highside Current Source Output
8 F2
Highside Current Source Output
9 E2
Highside Current Source Output
10 D2
Highside Current Source Output
11 C2
Highside Current Source Output
12 B2
Highside Current Source Output
13 A2
Highside Current Source Output
14 GND
Ground
For dimensional specifications refer to the relevant package data sheet, available separately.
IC top markings, such as <PRODUCT ID>, <ASSY CODE> or <LOT CODE>, indicate the orientation of the device.
PIN CONFIGURATION
oQFN32-5x5 (5 mm x 5 mm)
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
PIN FUNCTIONS
No.
Name Function
1 VCC
+4...5.5 V Supply Voltage
2 n.c.1)
3 A1
Highside Current Source Output
4 B1
Highside Current Source Output
5 C1
Highside Current Source Output
6 D1
Highside Current Source Output
7 E1
Highside Current Source Output
8 F1
Highside Current Source Output
9...16 n.c.
17 F2
Highside Current Source Output
18 E2
Highside Current Source Output
19 D2
Highside Current Source Output
20 C2
Highside Current Source Output
21 B2
Highside Current Source Output
22 A2
Highside Current Source Output
23 n.c.
24 GND
Ground
25...32 n.c.
BP
Backside Paddle 2)
1) Pin numbers marked n.c. are not in use.
2) The backside paddle may have a single link to GND. A current flow across the paddle is not permissible.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com