Electronic Components Datasheet Search
  English  ▼

X  

STP1117SA Datasheet(PDF) 6 Page - SeCoS Halbleitertechnologie GmbH

Part # STP1117SA
Description  1.0A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STP1117SA Datasheet(HTML) 6 Page - SeCoS Halbleitertechnologie GmbH

  STP1117SA Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH STP1117SA Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Elektronische Bauelemente
STP1117Sxx Series
1.0A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
27-Jun-2017 Rev. B
Page 6 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
APPLICATION INFORMATION
Output Voltage
The STP1117S develops a 1.25V reference Voltage
Between the output and the adjust terminal. By placing
A resistor between these two terminals, a constant current
Is cause to flow through R1 and down through R2 to set the
Overall output voltage. Normally, this current is chosen to be
the specified minimum load current of 10mA . For fixed voltage
devices R1 and R2 are included in the device.
Load Regulation
When the adjustable regulator is used, load regulation
will be limited by the resistance of the wire connecting the
regulator to the load. The data sheet specification foe load
regulation is measured at the output pin of the device.
Best load regulation is obtained when the top of the
resistor divider (R1) is tied directly to the output pin of the
device not to the load. For fixed voltage, devices the top
of R1 is internally connected to the output, and the ground
pin can be connected to low side of the load. If R1 is
connected to the load, RP is multiplied by the divider ratio,
the effective resistance between the regulator and the load
would be:
RP × (1 + R2/R1), RP = Parasitic Line Resistance
Input Capacitor
An input capacitor of 10µF or greater is recommended.
Tantalum or aluminum electrolytic capacitors can be used for
bypassing. Larger Values will improve ripple rejection by
bypassing the input to the regulator.
Output Capacitor
The STP1117S requires an output capacitor to maintain stability and improve transient response. Proper
capacitor selection is important to ensure proper operation. The STP1117S output capacitor selection is dependent
upon the ESR (equivalent series resistance) of the output capacitor to maintain stability. When the output
capacitor is 10µF or greater, the output capacitor should have an ESR less than 1 . This will improve transient
response as well as promote stability. A low-ESR solid tantalum capacitor works extremely well and provides
good transient response and stability over temperature.
Aluminum electrolytics can also be used, as long as the ESR of the capacitor is <1 . The value of the output
capacitor can be increased without limit. Higher capacitance values help to improve transient response and ripple
rejection and reduce output noise.
Ripple Rejection
The curves for Ripple Rejection were generated using an adjustable device with the adjust pin bypassed.
With a 25µF bypassing capacitor, 75dB ripple rejection is obtainable at any output level. The impedance of
the adjust pin capacitor, at the ripple frequency, should be <R1. R1 is normally in the range of 100W to
200W. The size of the required adjust pin capacitor is the function of the input ripple frequency. At 120Hz,
with R1=100 ,the adjust pin capacitor should be 13µF. For fixed voltage devices and adjustable devices
without an adjust pin capacitor, the output ripple will increase as the ratio of the output voltage to the reference
voltage (VOUT /VREF).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com