Electronic Components Datasheet Search
  English  ▼

X  

74ACT16470DL Datasheet(PDF) 7 Page - Texas Instruments

Part # 74ACT16470DL
Description  16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74ACT16470DL Datasheet(HTML) 7 Page - Texas Instruments

  74ACT16470DL Datasheet HTML 1Page - Texas Instruments 74ACT16470DL Datasheet HTML 2Page - Texas Instruments 74ACT16470DL Datasheet HTML 3Page - Texas Instruments 74ACT16470DL Datasheet HTML 4Page - Texas Instruments 74ACT16470DL Datasheet HTML 5Page - Texas Instruments 74ACT16470DL Datasheet HTML 6Page - Texas Instruments 74ACT16470DL Datasheet HTML 7Page - Texas Instruments 74ACT16470DL Datasheet HTML 8Page - Texas Instruments 74ACT16470DL Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
54ACT16470, 74ACT16470
16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCAS237A – JUNE 1990 – REVISED APRIL 1996
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54ACT16470
74ACT16470
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
55
55
55
MHz
tPLH
CLK
AorB
3.9
8.3
10.3
3.9
11.8
3.9
11.8
ns
tPHL
CLK
A or B
3.8
8.4
10.3
3.8
11.7
3.8
11.7
ns
tPZH
OE
AorB
3.2
8.3
10.5
3.2
11.9
3.2
11.9
ns
tPZL
OE
A or B
3.6
9.5
11.8
3.6
13.4
3.6
13.4
ns
tPHZ
OE
AorB
4.6
7.4
9.3
4.6
9.9
4.6
9.9
ns
tPLZ
OE
A or B
4.6
7
8.8
4.6
9.5
4.6
9.5
ns
tPZH
CE
AorB
3.5
8.8
10.9
3.5
12.5
3.5
12.5
ns
tPZL
CE
A or B
4.2
10.1
12.4
4.2
14.3
4.2
14.3
ns
tPHZ
CE
AorB
5.2
8.3
10.3
5.2
11.2
5.2
11.2
ns
tPLZ
CE
A or B
5.2
7.9
10
5.2
10.9
5.2
10.9
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
C d
Power dissipation capacitance per transceiver
Outputs enabled
CL =50 pF
f=1MHz
59
pF
Cpd
Power dissipation capacitance per transceiver
Outputs disabled
CL = 50 pF,
f = 1 MHz
39
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com