Electronic Components Datasheet Search
  English  ▼

X  

AMA520C Datasheet(PDF) 1 Page - Analog Power

Part # AMA520C
Description  N & P-Channel 20-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AMA520C Datasheet(HTML) 1 Page - Analog Power

  AMA520C Datasheet HTML 1Page - Analog Power AMA520C Datasheet HTML 2Page - Analog Power AMA520C Datasheet HTML 3Page - Analog Power AMA520C Datasheet HTML 4Page - Analog Power AMA520C Datasheet HTML 5Page - Analog Power AMA520C Datasheet HTML 6Page - Analog Power AMA520C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Analog Power
AMA520C
N & P-Channel 20-V (D-S) MOSFET
VDS (V)
ID(A)
4.5
4.2
-4.5
-4.2
Symbol
Nch Limit Pch Limit
Units
VDS
20
-20
VGS
±8
±8
TA=25°C
4.5
-4.5
TA=70°C
3.9
3.8
Pulsed Drain Current
b
IDM
20
-20
Continuous Source Current (Diode Conduction)
a
IS
2.6
-2.5
A
TA=25°C
1.5
1.5
TA=70°C
0.95
0.95
Operating Junction and Storage Temperature Range
TJ, Tstg
°C
Symbol
Maximum
Units
45
85
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
-55 to 150
V
Steady State
RθJA
A
W
°C/W
Parameter
THERMAL RESISTANCE RATINGS
Continuous Drain Current
a
ID
Power Dissipation
a
PD
Parameter
Drain-Source Voltage
Gate-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
t <= 10 sec
58 @ VGS = 4.5V
82 @ VGS = 2.5V
-20
Maximum Junction-to-Ambient
a
112 @ VGS = -4.5V
172 @ VGS = -2.5V
PRODUCT SUMMARY
rDS(on) (mΩ)
20
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
DFN2X2-6L
© Preliminary
1
Publication Order Number:
DS_AMA520C_1B


Similar Part No. - AMA520C

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
AMA-242 FOTEK-AMA-242 Datasheet
643Kb / 2P
Digital meter
AMA-24T FOTEK-AMA-24T Datasheet
643Kb / 2P
Digital meter
AMA-24T-MV-RS-24V FOTEK-AMA-24T-MV-RS-24V Datasheet
643Kb / 2P
Digital meter
AMA-252 FOTEK-AMA-252 Datasheet
643Kb / 2P
Digital meter
AMA-25T FOTEK-AMA-25T Datasheet
643Kb / 2P
Digital meter
More results

Similar Description - AMA520C

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
SI3585DV VAISH-SI3585DV Datasheet
67Kb / 7P
N- and P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
N- and P-Channel 20-V (D-S) MOSFET
16-May-05
SI5509DC VISHAY-SI5509DC_08 Datasheet
134Kb / 12P
N- and P-Channel 20-V (D-S) MOSFET
20-Mar-06
logo
Analog Power
AM4533C ANALOGPOWER-AM4533C Datasheet
87Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
AM5521C ANALOGPOWER-AM5521C Datasheet
75Kb / 3P
N & P-Channel 20-V (D-S) MOSFET
AM3520C ANALOGPOWER-AM3520C Datasheet
156Kb / 7P
N & P-Channel 20-V (D-S) MOSFET
AM3524C ANALOGPOWER-AM3524C Datasheet
168Kb / 3P
N & P-Channel 20-V (D-S) MOSFET
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
P & N-Channel 20-V (D-S) MOSFET
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
AM6544C ANALOGPOWER-AM6544C Datasheet
141Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com