Electronic Components Datasheet Search
  English  ▼

X  

80960JA Datasheet(PDF) 4 Page - Intel Corporation

Part # 80960JA
Description  3.3 V EMBEDDED 32-BIT MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960JA Datasheet(HTML) 4 Page - Intel Corporation

  80960JA Datasheet HTML 1Page - Intel Corporation 80960JA Datasheet HTML 2Page - Intel Corporation 80960JA Datasheet HTML 3Page - Intel Corporation 80960JA Datasheet HTML 4Page - Intel Corporation 80960JA Datasheet HTML 5Page - Intel Corporation 80960JA Datasheet HTML 6Page - Intel Corporation 80960JA Datasheet HTML 7Page - Intel Corporation 80960JA Datasheet HTML 8Page - Intel Corporation 80960JA Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
80960JA/JF/JD/JT 3.3 V Microprocessor
4
Advance Information Datasheet
Figures
1
80960Jx Microprocessor Package Options...........................................................7
2
80960Jx Block Diagram ........................................................................................9
3
132-Lead Pin Grid Array Bottom View - Pins Facing Up.....................................22
4
132-Lead Pin Grid Array Top View - Pins Facing Down .....................................23
5
132-Lead PQFP - Top View ................................................................................26
6
196-Ball Mini Plastic Ball Grid Array Bottom View - Balls Facing Up ..................29
7
196-Ball Mini Plastic Ball Grid Array Top View - Balls Facing Down ..................30
8
VCC5 Current-Limiting Resistor ..........................................................................40
9
VCCPLL Lowpass Filter ......................................................................................41
10
AC Test Load ......................................................................................................47
11
Output Delay or Hold vs. Load Capacitance .......................................................48
12
TLX vs. AD Bus Load Capacitance......................................................................48
13
80960JA/JF ICC Active (Power Supply) vs. Frequency .......................................49
14
80960JA/JF ICC Active (Thermal) vs. Frequency ................................................49
15
80960JD ICC Active (Power Supply) vs. Frequency............................................50
16
80960JD ICC Active (Thermal) vs. Frequency.....................................................50
17
80960JT ICC Active (Power Supply) vs. Frequency ...........................................51
18
80960JT ICC Active (Thermal) vs. Frequency .....................................................51
19
CLKIN Waveform ................................................................................................52
20
TOV1 Output Delay Waveform .............................................................................52
21
TOF Output Float Waveform................................................................................53
22
TIS1 and TIH1 Input Setup and Hold Waveform...................................................53
23
TIS2 and TIH2 Input Setup and Hold Waveform...................................................53
24
TIS3 and TIH3 Input Setup and Hold Waveform...................................................54
25
TIS4 and TIH4 Input Setup and Hold Waveform...................................................54
26
TLX, TLXL and TLXA Relative Timings Waveform.................................................55
27
DT/R and DEN Timings Waveform .....................................................................55
28
TCK Waveform....................................................................................................56
29
TBSIS1 and TBSIH1 Input Setup and Hold Waveforms .........................................56
30
TBSOV1 and TBSOF1 Output Delay and Output Float Waveform..........................56
31
TBSOV2 and TBSOF2 Output Delay and Output Float Waveform..........................57
32
TBSIS2 and TBSIH2 Input Setup and Hold Waveform ...........................................57
33
Non-Burst Read and Write Transactions Without Wait States, 32-Bit Bus .........58
34
Burst Read and Write Transactions Without Wait States, 32-Bit Bus .................59
35
Burst Write Transactions With 2,1,1,1 Wait States, 32-Bit Bus...........................60
36
Burst Read and Write Transactions Without Wait States, 8-Bit Bus ...................61
37
Burst Read and Write Transactions With 1, 0 Wait States and
Extra Tr State on Read, 16-Bit Bus .....................................................................62
38
Double Word Read Bus Request, Misaligned One Byte From
Quad Word Boundary, 32-Bit Bus, Little Endian .................................................63
39
HOLD/HOLDA Waveform For Bus Arbitration ....................................................64
40
Cold Reset Waveform .........................................................................................65
41
Warm Reset Waveform .......................................................................................66
42
Entering the ONCE State ....................................................................................67
43
Bus States with Arbitration ..................................................................................68
44
Summary of Aligned and Unaligned Accesses (32-Bit Bus) ...............................72
45
Summary of Aligned and Unaligned Accesses (32-Bit Bus) (Continued) ...........73
46
80960JT Device Identification Register...............................................................74
47
80960JD Device Identification Register ..............................................................75
48
80960JA/JF Device Identification Register .........................................................76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com