Electronic Components Datasheet Search
  English  ▼

X  

CSF40S45PT Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CSF40S45PT
Description  40A MOS Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSF40S45PT Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSF40S45PT Datasheet HTML 1Page - Chip Integration Technology Corporation CSF40S45PT Datasheet HTML 2Page - Chip Integration Technology Corporation CSF40S45PT Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Document ID : DS-11K045
Revised Date : 2017/04/05
Revision : C
Main Product Characteristics
I
F ( AV )
2 X 20A
V
R R M
T
J
V
F ( Ty p )
45V
150
OC
0.41V
40A MOS Schottky Rectifier
CSF40S45PT
Chip Integration Technology Corporation
Forward Voltage Drop (per diode)
Reverse Current (per diode)
Parameter
I
O
I
F S M
I
R R M
T
S T G
Forward Rectified Current (total device)
Forward Surge Current (per diode)
Thermal Resistance (per diode)
Storage Temperature
Parameter
8.3ms single half sine-wave
superimposed on rate load (JEDEC method)
Condition
Symbol
CSF40S45PT
UNIT
-55 ~ +150
40
340
A
A
O C/W
O C
2
R
θ J C
Junction to case
Peak Repetitive Reverse Surge Current
A
2
Working peak reverse voltage
V
RWM
45
V
V
F
I
R
V
= 45V , T = 25
OC
R
J
V
= 45V , T = 125
OC
R
J
Condition
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
I = 20A, T = 25
OC
F
J
I = 20A, T = 125
OC
F
J
500
(per diode)
410
Junction to ambient
R
θ J A
50
T
J
O C
Operating Junction Temperature
I = 3A, T = 25
OC
310
445
■ Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
Pulse width 2us, 1000Hz, square wave
at TA 25oC,10 cycles
Reverse Breakdown Voltage (per diode)
F
J
IR = 0.5mA, TJ = 25
OC
V
BR
V
45
0.1
-55 ~ +150
■ Maximum Ratings
Rating at 25
OC ambient temperature unless otherwise specified.
■ Circuit Diagram
50
■ Outline
TO-247
Marking code
PIN 1
PIN 3
PIN 2
0.640(16.25)
MAX.
0.094(2.4)
0.071(1.8)
0.222(5.65)
0.055(1.4)
0.039(1.0)
0.118(3.0)
0.087(2.2)
0.083(2.1)
0.075(1.9)
0.209(5.30)
0.165(4.20)
0.033(0.85)
0.018(0.45)
0.177(4.5)
MAX.
0.207(5.25)
Φ0.150(3.8)
MAX
1
2
3
0.126(3.2)
0.110(2.8)
■ Features
Low power loss, high efficiency.
•
High current capability, low forward voltage drop.
•
High surge capability.
•
Guardring for overvoltage protection.
•
Ultra high-speed switching.
•
Silicon epitaxial planar chip, metal silicon junction.
•
Lead free in compliance with EU RoHS.
•
■ Mechanical data
• Epoxy : UL94-V0 rated flame retardant.
• Case : JEDEC TO-247 molded plastic body over
passivated chip.
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed.
.
• Weight : Approximated 5.60 gram


Similar Part No. - CSF40S45PT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF4040CT-A CITC-CSF4040CT-A Datasheet
469Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSF40L100CT-A CITC-CSF40L100CT-A Datasheet
470Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSF40S45PT

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CS40S45CT-A CITC-CS40S45CT-A Datasheet
483Kb / 3P
40A MOS Schottky Rectifier
logo
PFC Device Inc.
PFR40L45CT PFC-PFR40L45CT Datasheet
774Kb / 7P
40A 45V MOS Schottky Rectifier
PFR40L45PT PFC-PFR40L45PT Datasheet
661Kb / 6P
40A 45V MOS Schottky Rectifier
PFR40L150CT PFC-PFR40L150CT Datasheet
777Kb / 7P
40A 150V MOS Schottky Rectifier
PFR40L200CT PFC-PFR40L200CT Datasheet
776Kb / 7P
40A 200V MOS Schottky Rectifier
PFR40V45CT PFC-PFR40V45CT Datasheet
775Kb / 7P
40A 45V MOS Schottky Rectifier
PFR40V60PT PFC-PFR40V60PT Datasheet
663Kb / 6P
40A 60V MOS Schottky Rectifier
PFR40V200PT PFC-PFR40V200PT Datasheet
663Kb / 6P
40A 200V MOS Schottky Rectifier
PFR4045CT PFC-PFR4045CT Datasheet
772Kb / 7P
40A 45V MOS Schottky Rectifier
PFR4045PT PFC-PFR4045PT Datasheet
661Kb / 6P
40A 45V MOS Schottky Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com