Electronic Components Datasheet Search
  English  ▼

X  

AD7921ARM Datasheet(PDF) 14 Page - Analog Devices

Part # AD7921ARM
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7921ARM Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7921ARM Datasheet HTML 10Page - Analog Devices AD7921ARM Datasheet HTML 11Page - Analog Devices AD7921ARM Datasheet HTML 12Page - Analog Devices AD7921ARM Datasheet HTML 13Page - Analog Devices AD7921ARM Datasheet HTML 14Page - Analog Devices AD7921ARM Datasheet HTML 15Page - Analog Devices AD7921ARM Datasheet HTML 16Page - Analog Devices AD7921ARM Datasheet HTML 17Page - Analog Devices AD7921ARM Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD7911/AD7921
Rev. 0 | Page 14 of 28
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
4096
3584
3072
2560
2048
1536
1024
512
CODE
VDD = 2.7V
FSAMP = 250kSPS
TEMPERATURE = 25
°C
Figure 14. AD7921 INL Performance
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
4096
3584
3072
2560
2048
1536
1024
512
CODE
VDD = 2.7V
FSAMP = 250kSPS
TEMPERATURE = 25
°C
Figure 15. AD7921 DNL Performance
–95
–85
–75
–65
–55
–35
–25
–45
10
100
1k
FREQUENCY (kHz)
RIN = 1kΩ
RIN = 500Ω
RIN = 100Ω
RIN = 50Ω
RIN = 10Ω
RIN = 0Ω
VDD = 3.6V
Figure 16. THD vs. Analog Input Frequency for Various Source Impedances
–74
–76
–78
–80
–82
–84
–86
–88
10
100
1k
FREQUENCY (kHz)
VDD = 2.35V
VDD = 3.6V
VDD = 5.25V
VDD = 4.75V
VDD = 2.7V
Figure 17. THD vs. Analog Input Frequency for Various Supply Voltages
180
160
0
20
40
60
80
100
120
140
2.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
SUPPLY VOLTAGE (V)
TEMPERATURE = +25
°C
TEMPERATURE = +85
°C
TEMPERATURE = –40
°C
Figure 18. Shutdown Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com