Electronic Components Datasheet Search
  English  ▼

X  

AMA930N Datasheet(PDF) 1 Page - Analog Power

Part # AMA930N
Description  Dual N-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AMA930N Datasheet(HTML) 1 Page - Analog Power

  AMA930N Datasheet HTML 1Page - Analog Power AMA930N Datasheet HTML 2Page - Analog Power AMA930N Datasheet HTML 3Page - Analog Power AMA930N Datasheet HTML 4Page - Analog Power AMA930N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AMA930N
Dual N-Channel 30-V (D-S) MOSFET
VDS (V)
ID(A)
4.4
3.4
Symbol
Limit
Units
VDS
30
VGS
±12
TA=25°C
4.4
TA=70°C
3.5
IDM
±10
IS
2.2
A
TA=25°C
2.1
TA=70°C
1.3
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
60
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
PRODUCT SUMMARY
30
rDS(on) (mΩ)
63 @ VGS = 4.5V
110 @ VGS = 2.5V
Power Dissipation
a
Continuous Source Current (Diode Conduction)
a
Pulsed Drain Current
b
Continuous Drain Current
a
Gate-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
t <= 10 sec
Steady State
THERMAL RESISTANCE RATINGS
°C/W
Parameter
RθJA
A
ID
Operating Junction and Storage Temperature Range
PD
W
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS-AMA930N-2010


Similar Part No. - AMA930N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AMA931PE ANALOGPOWER-AMA931PE Datasheet
331Kb / 5P
Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AMA930N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
Dual N-Channel 30-V (D-S) MOSFET
13-Oct-03
SI4828DY VISHAY-SI4828DY Datasheet
83Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
15-May-00
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
Dual N-Channel 30-V (D-S) MOSFET
13-Jun-05
SI4804BDY VISHAY-SI4804BDY Datasheet
64Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
29-Dec-03
SI1970DH VISHAY-SI1970DH_08 Datasheet
120Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
27-Nov-06
SI5902BDC VISHAY-SI5902BDC Datasheet
114Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
02-Jul-07
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4922BDY-T1-E3 VISHAY-SI4922BDY-T1-E3 Datasheet
254Kb / 10P
Dual N-Channel 30-V (D-S) MOSFET
27-Apr-09
SI9936BDY-T1-GE3 VISHAY-SI9936BDY-T1-GE3 Datasheet
252Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
27-Apr-09
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
22-Dec-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com