Electronic Components Datasheet Search
  English  ▼

X  

ADV7179 Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7179
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7179 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7179 Datasheet HTML 35Page - Analog Devices ADV7179 Datasheet HTML 36Page - Analog Devices ADV7179 Datasheet HTML 37Page - Analog Devices ADV7179 Datasheet HTML 38Page - Analog Devices ADV7179 Datasheet HTML 39Page - Analog Devices ADV7179 Datasheet HTML 40Page - Analog Devices ADV7179 Datasheet HTML 41Page - Analog Devices ADV7179 Datasheet HTML 42Page - Analog Devices ADV7179 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 39 of 52
APPENDIX 1—BOARD DESIGN AND LAYOUT CONSIDERATIONS
The ADV7174/ADV7179 is a highly integrated circuit contain-
ing both precision analog and high speed digital circuitry. It has
been designed to minimize interference effects on the integrity
of the analog circuitry by the high speed digital circuitry. It is
imperative that these same design and layout techniques be
applied to the system-level design so that high speed, accurate
performance is achieved. Figure 54 shows the analog interface
between the device and monitor.
The layout should be optimized for lowest noise on the
ADV7174/ADV7179 power and ground lines by shielding the
digital inputs and providing good decoupling. The lead length
between groups of VAA and GND pins should be minimized to
reduce inductive ringing.
GROUND PLANES
The ground plane should encompass all ADV7174/ADV7179
ground pins, voltage reference circuitry, power supply bypass
circuitry for the ADV7174/ADV7179, the analog output traces,
and all the digital signal traces leading up to the ADV7174/
ADV7179. The ground plane is the board’s common ground
plane.
POWER PLANES
The ADV7174/ADV7179 and any associated analog circuitry
should have its own power plane, referred to as the analog
power plane (VAA). This power plane should be connected to
the regular PCB power plane (VCC) at a single point through a
ferrite bead. This bead should be located within 3 inches of the
ADV7174/ADV7179.
The metallization gap separating the device power plane and
board power plane should be as narrow as possible to minimize
the obstruction to the flow of heat from the device into the
general board.
The PCB power plane should provide power to all digital logic
on the PC board, and the analog power plane should provide
power to all ADV7174/ADV7179 power pins and voltage
reference circuitry.
Plane-to-plane noise coupling can be reduced by ensuring that
portions of the regular PCB power and ground planes do not
overlay portions of the analog power plane unless they can be
arranged so that the plane-to-plane noise is common mode.
L1
(FERRITE BEAD)
5k
Ω
3.3 V (VCC)
150
Ω
5k
Ω
3.3 V (VCC)
MPU BUS
3–5, 35–39
0.1
µF
0.01
µF
0.1
µF
3.3 V (VAA)
0.1
µF
3.3V (VAA)
10k
Ω
3.3 V (VAA)
27MHz CLOCK
(SAME CLOCK AS USED BY
MPEG2 DECODER)
POWER SUPPLY DECOUPLING
FOR EACH POWER SUPPLY GROUP
10
µF
33
µF
GND
3.3 V
(VCC)
GND
ALSB
HSYNC
FIELD/VSYNC
BLANK
RESET
CLOCK
RSET
SDATA
SCLOCK
DAC B
DAC C
VAA
VREF
COMP
P7–P0
3.3 V (VAA)
75
Ω
75
Ω
75
Ω
SCRESET/RTC
ADV7174/ADV7179
UNUSED
INPUTS
SHOULD BE
GROUNDED
DAC A
100
Ω
100
Ω
RESET
TTX
TTXREQ
100k
Ω
100k
Ω
3.3 V (VCC)
TTX
TTXREQ
TELETEXT PULL-UP AND
PULL-DOWN RESISTORS
SHOULD ONLY BE USED
IF THESE PINS ARE NOT
CONNECTED
4k
Ω
3.3 V (VAA)
100nF
24
28
29
21
22
31
16
1
30
32
23
13
14
15
20
34
33
Figure 54. Recommended Analog Circuit Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com