Electronic Components Datasheet Search
  English  ▼

X  

CSD95481RWJ Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CSD95481RWJ
Description  Synchronous Buck NexFET Smart Power Stage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD95481RWJ Datasheet(HTML) 5 Page - Texas Instruments

  CSD95481RWJ Datasheet HTML 1Page - Texas Instruments CSD95481RWJ Datasheet HTML 2Page - Texas Instruments CSD95481RWJ Datasheet HTML 3Page - Texas Instruments CSD95481RWJ Datasheet HTML 4Page - Texas Instruments CSD95481RWJ Datasheet HTML 5Page - Texas Instruments CSD95481RWJ Datasheet HTML 6Page - Texas Instruments CSD95481RWJ Datasheet HTML 7Page - Texas Instruments CSD95481RWJ Datasheet HTML 8Page - Texas Instruments CSD95481RWJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
CSD95481RWJ
www.ti.com
SLPS674 – JUNE 2017
Product Folder Links: CSD95481RWJ
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
θJB is determined with the device mounted on a 1-in
2 (6.45-cm2), 2-oz (0.071-mm) thick Cu pad on a 1.5-in × 1.5-in, 0.06-in (1.52-mm)
thick FR4 board based on hottest board temperature within 1 mm of the package.
6.4 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
θJC
Thermal resistance, junction-to-case (top of package)
7.4
°C/W
θJB
Thermal resistance, junction-to-board(1)
2.2
°C/W
ΨJT
Junction-to-top characterization parameter
0.9
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com