Electronic Components Datasheet Search
  English  ▼

X  

AT41470 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # AT41470
Description  NPN SILICON BIPOLAR TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

AT41470 Datasheet(HTML) 1 Page - Advanced Semiconductor

  AT41470 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
ICBO
VCB = 8.0 V
200
Na
IEBO
VEB = 1.0 V
1.0
µA
hFE
VCE = 8.0 V
IC = 10 mA
30
150
300
---
CCB
VCB = 8.0 V
f = 1.0 MHz
0.2
pF
ft
VCE = 8.0 V
IC = 25 mA
f = 1.0 GHz
8.0
GHz
S
21E
2
VCE = 8.0 V
IC = 25 mA
f = 2.0 GHz
f = 4.0 GHz
12.0
6.5
dB
P1dB
VCE = 8.0 V
IC = 25 mA
f = 2.0 GHz
f = 4.0 GHz
19.0
18.5
dBm
G1dB
VCE = 8.0 V
IC = 25 mA
f = 2.0 GHz
f = 4.0 GHz
15.0
10.5
dB
NFO
VCE = 8.0 V
IC = 10 mA
f = 1.0 GHz
f = 2.0 GHz
f = 4.0 GHz
1.3
1.6
3.0
1.9
dB
NPN SILICON BIPOLAR TRANSISTOR
AT41470
DESCRIPTION:
The
ASI AT41470 is a Common
Emitter Device Designed for low noise,
wideband amplifier, mixer and
oscillator applications in the VHF,
UHF, and microwave frequencies.
MAXIMUM RATINGS
IC
60 mA
VCEO
12 V
VCBO
20 V
VEBO
1.5 V
PDISS
500 mW @ TC = 25°C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
PACKAGE STYLE
1 = BASE
2 & 4 = EMITTER
3 = COLLECTOR


Similar Part No. - AT41470

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT414 ETC2-AT414 Datasheet
3Mb / 33P
Accessories Hardware
AT414 ETC-AT414 Datasheet
3Mb / 34P
Accessories Hardware
logo
Agilent(Hewlett-Packard...
AT41485 HP-AT41485 Datasheet
44Kb / 6P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
AT41486 HP-AT41486 Datasheet
59Kb / 5P
Up to 6 GHz Low Noise Silicon Bipolar Transistor
More results

Similar Description - AT41470

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSC5094 HSMC-HSC5094 Datasheet
60Kb / 7P
NPN SILICON BIPOLAR TRANSISTOR
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
Hitachi Semiconductor
2SC4992 HITACHI-2SC4992 Datasheet
43Kb / 6P
Silicon NPN Bipolar Transistor
logo
Seme LAB
2N4269S SEME-LAB-2N4269S Datasheet
23Kb / 2P
BIPOLAR NPN SILICON TRANSISTOR
2N4272 SEME-LAB-2N4272 Datasheet
39Kb / 2P
BIPOLAR NPN SILICON TRANSISTOR
BFY77 SEME-LAB-BFY77_10 Datasheet
208Kb / 2P
BIPOLAR NPN SILICON TRANSISTOR
logo
TT Electronics.
2N1711 TTELEC-2N1711 Datasheet
720Kb / 3P
SILICON PLANAR NPN BIPOLAR TRANSISTOR
BUX62 TTELEC-BUX62 Datasheet
186Kb / 3P
SILICON NPN BIPOLAR TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
Silicon NPN bipolar Transistor
logo
List of Unclassifed Man...
D13009 ETC-D13009 Datasheet
453Kb / 1P
NPN Silicon Bipolar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com