Electronic Components Datasheet Search
  English  ▼

X  

B40-28 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # B40-28
Description  NPN SILICON RF POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

B40-28 Datasheet(HTML) 1 Page - Advanced Semiconductor

  B40-28 Datasheet HTML 1Page - Advanced Semiconductor B40-28 Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS T
C = 25
OC
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 200 mA
35
V
BVCES
IC = 200 mA
65
V
BVCBO
IC = 10 mA
65
V
BVEBO
IE = 10 mA
4.0
V
ICES
VCE = 30 V
10
mA
ICBO
VCB = 30 V
1.0
mA
hFE
VCE = 5.0 V
IC = 500 mA
5.0
200
---
Cob
VCB = 30 V
f = 1.0 MHz
65
pF
PG
η
η
C
VCE = 28 V
POUT = 40 W
f = 175
MHz
8.2
60
dB
%
NPN SILICON RF POWER TRANSISTOR
B40-28
DESCRIPTION:
The B40-28 is Designed for High
Reliability Class C Power Amplifier
Applications up to 250 MHz.
FEATURES:
• P
G = 8.2 dB min. at 40 W /175 MHz
• η
η
C = 60 % min. at 40 W /175 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
5.0 A
VCBO
65 V
VCEO
35 V
VEBO
4.0 V
PDISS
60 W
TJ
-65
OC to +200 OC
TSTG
-65
OC to +150 OC
θθ
JC
2.9
OC/W
PACKAGE STYLE .380 4L STUD
ORDER CODE: ASI10859
MINIMUM
inches / mm
.004 / 0.10
.370 / 9.40
.320 / 8.13
B
C
D
E
F
G
A
MAXIMUM
.385 / 9.78
.330 / 8.38
.130 / 3.30
.007 / 0.18
inches / mm
H
.090 / 2.29
.100 / 2.54
DIM
.220 / 5.59
.230 / 5.84
.490 / 12.45
.450 / 11.43
I
J
.155 / 3.94
.175 / 4.45
.750 / 19.05
.980 / 24.89
.100 / 2.54
E
F
D
ØC
B
.112x45°
G
H
J
I
A
#8-32 UNC-2A
E
E
C
B


Similar Part No. - B40-28

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
B40-2B60-SA9 MAGNETROL-B40-2B60-SA9 Datasheet
457Kb / 20P
Liquid Level Switches
B40-2F30-RNW MAGNETROL-B40-2F30-RNW Datasheet
293Kb / 8P
B40 Liquid Level Switch
More results

Similar Description - B40-28

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com