Electronic Components Datasheet Search
  English  ▼

X  

ASX1436 Datasheet(PDF) 10 Page - Advanced Semiconductor Business Inc.

Part # ASX1436
Description  Ku Band Power Amplifier MMIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1436 Datasheet(HTML) 10 Page - Advanced Semiconductor Business Inc.

Back Button ASX1436 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 13Page - Advanced Semiconductor Business Inc. ASX1436 Datasheet HTML 14Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10/20
ASB Inc.
 sales@asb.co.kr
April 2016
ASX1436
-60
-40
-20
0
20
40
60
80
100
Temperature
32
34
36
38
40
42
44
46
48
50
13.5
13.75
14
14.25
14.5
14.75
Frequency (GHz)
26
28
30
32
34
36
38
40
42
Output TOI vs. Temperature
VDD = +7 V, IDD = 1300 mA,
Δf = 10 MHz
Output power / Tone= +26 dBm
Output Power vs. Frequency
VDD = +7 V, IDD = 1300 mA, Pin = +5 dBm, CW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com