Electronic Components Datasheet Search
  English  ▼

X  

ASX1037HG Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # ASX1037HG
Description  X Band Power Amplifier MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX1037HG Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button ASX1037HG Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX1037HG Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX1037HG Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX1037HG Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX1037HG Datasheet HTML 9Page - Advanced Semiconductor Business Inc. ASX1037HG Datasheet HTML 10Page - Advanced Semiconductor Business Inc. ASX1037HG Datasheet HTML 11Page - Advanced Semiconductor Business Inc. ASX1037HG Datasheet HTML 12Page - Advanced Semiconductor Business Inc. ASX1037HG Datasheet HTML 13Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
ASB Inc.
 sales@asb.co.kr
January 2017
ASX1037HG
-15
-10
-5
0
5
10
15
20
25
30
Input Power (dBm)
0
4
8
12
16
20
24
28
32
36
40
44
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
-15
-10
-5
0
5
10
15
20
25
30
Input Power (dBm)
0
4
8
12
16
20
24
28
32
36
40
44
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
-15
-10
-5
0
5
10
15
20
25
30
Input Power (dBm)
0
4
8
12
16
20
24
28
32
36
40
44
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
-15
-10
-5
0
5
10
15
20
25
30
Input Power (dBm)
0
4
8
12
16
20
24
28
32
36
40
44
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
2800
3000
VDD = +7 V, IDD = 1300 mA @ 8.5 GHz
VDD = +7 V, IDD = 1300 mA @ 9.5 GHz
VDD = +7 V, IDD = 1300 mA @ 10.0 GHz
VDD = +7 V, IDD = 1300 mA @ 9.0 GHz
Output Power, Drain Current vs. Input Power by Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com