Electronic Components Datasheet Search
  English  ▼

X  

ASX0837HG Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASX0837HG
Description  X Band Power Amplifier MMIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX0837HG Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASX0837HG Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX0837HG Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2/14
ASB Inc.
 sales@asb.co.kr
June 2017
ASX0837HG
2. Summary on Product Performances
2.1 Typical Performance
Test conditions : T = +25
C, VDD = +7 V, CW, ZO = 50 
Parameters
Test Conditions
Min
Typ
Max
Units
Gate Bias Voltage
f = 7.5 - 8.5 GHz
-0.95
-0.5
V
Output Power at Psat1)
f = 7.5 - 8.5 GHz
34
36
dBm
Power Gain at Psat1)
f = 7.5 - 8.5 GHz
15.5
17.5
dB
Drain Current at Psat1)
f = 7.5 - 8.5 GHz
1650
1900
mA
Power Added Efficiency at Psat1)
f = 7.5 - 8.5 GHz
35
%
Small Signal Gain
f = 7.5 - 8.5 GHz
19.5
21.5
dB
Gain Flatness
f = 7.5 - 8.5 GHz
2.5
3.0
dB
Input Return Loss
f = 7.5 - 8.5 GHz
-14
-9
dB
Output Return Loss
f = 7.5 - 8.5 GHz
-14
-9
dB
Intermodulation Distortion
Δ
f = 10 MHz
2-Tone Test
Output power / Tone = +26 dBm
-32
dBc
Supply Current
VDD = +7 V
1300
mA
1) Psat: Saturated output power
2.2 Product Specifications
Test conditions : T = +25
C, VDD= +7 V, CW, VGG = -0.95 V typical, ZO = 50 
Parameters
Min
Typ
Max
Unit
Frequency
7.5
8.5
GHz
Small Signal Gain
19.5
21.5
dB
Input Return Loss
-14
-9
dB
Output Return Loss
-14
-9
dB
Supply Current
1300
mA
2.3 Absolute Maximum Ratings
Parameters
Max. Ratings
Operation Case Temperature (Tc)
-40 to
85 C
Storage Temperature (Tstg)
-55 to
125 C
Drain Voltage (VDD)
+9 V
Gate Voltage (VGG)
-1.5 to -0.5 V
Input RF Power (CW)
25 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com