Electronic Components Datasheet Search
  English  ▼

X  

ALN0838AT Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN0838AT
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0838AT Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN0838AT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0838AT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0838AT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0838AT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
August 2017
plerowTM ALN0838AT
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
824 MHz
836.5 MHz
849 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
21.27
-21.14
-10.78
21.08
0.37
-21.65
-10.41
20.90
-21.68
-10.02
4.75 V
21.36
-22.19
-11.14
21.18
0.37
-22.57
-10.77
20.99
-22.29
-10.35
5.00 V
21.41
-23.15
-11.41
21.23
0.37
-23.30
-11.03
21.04
-22.76
-10.59
5.25 V
21.50
-24.19
-11.76
21.32
0.36
-24.09
-11.37
21.14
-23.39
-10.91
5.50 V
21.55
-25.09
-12.02
21.37
0.36
-24.85
-11.63
21.19
-23.83
-11.17
824 MHz
836.5 MHz
849 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
27.52
15.24
0.621
26.89
15.19
0.617
27.98
15.15
0.609
4.75 V
28.65
15.62
0.621
28.72
15.63
0.637
28.85
15.57
0.629
5.00 V
29.83
16.02
0.641
29.97
15.95
0.616
30.00
15.86
0.616
5.25 V
30.95
16.19
0.624
31.02
16.22
0.642
31.18
16.09
0.631
5.50 V
31.10
16.52
0.624
31.13
16.50
0.626
31.25
16.37
0.612
824 MHz
836.5 MHz
849 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
21.75
-22.45
-10.89
21.54
0.37
-21.59
-10.75
21.38
-22.52
10.49
-10
C
21.57
-22.25
-11.02
21.35
0.38
-22.34
-10.98
21.19
-22.32
-10.75
25
C
21.48
-22.17
-11.59
21.29
0.38
-22.24
-11.14
21.10
-22.25
-10.98
60
C
21.30
-21.71
-12.00
21.12
0.38
-21.55
-11.50
21.92
-21.40
-11.17
85
C
21.22
-21.02
-12.21
21.03
0.37
-21.01
-11.75
20.85
-21.15
-11.36
824 MHz
836.5 MHz
849 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
29.68
15.92
0.379
29.23
15.85
0.425
29.57
15.77
0.451
-10
C
29.51
15.85
0.451
29.15
15.72
0.563
29.41
15.65
0.577
25
C
29.40
15.81
0.533
29.05
15.63
0.640
29.27
15.59
0.635
60
C
28.87
15.38
0.651
28.64
15.14
0.789
28.87
15.22
0.770
85
C
28.74
15.23
0.753
28.44
15.06
0.877
28.48
15.17
0.887
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com