Electronic Components Datasheet Search
  English  ▼

X  

ALN0140WT Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ALN0140WT
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN0140WT Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ALN0140WT Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN0140WT Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN0140WT Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN0140WT Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
www.asb.co.kr
June 2017
plerowTM ALN0140WT
Internally Matched LNA Module
S-parameters
Noise Figure
OIP3
P1dB
125~155 MHz
+5 V
Typical Performance
(Measured)
S-parameters & K Factor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com