Electronic Components Datasheet Search
  English  ▼

X  

ABX0618M Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ABX0618M
Description  Wide Band Power Amplifier MMIC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ABX0618M Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ABX0618M Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ABX0618M Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
ASB Inc.
 sales@asb.co.kr
July 2017
ABX0618M
Preliminary
3.3 Performance Table
Test conditions : T = +25
C, VDD = +7 V, CW, ZO = 50 
Parameters
Test Conditions
Min
Typ
Max
Units
Gate Bias Voltage
f = 6.0 - 18.0 GHz
-0.87
V
Output Power at Psat1)
f = 6.0 - 18.0 GHz
31
dBm
Small signal gain
f = 6.0 - 18.0 GHz
25
dB
Input Return Loss
f = 6.0 - 18.0 GHz
-10
dB
Output Return Loss
f = 6.0 - 18.0 GHz
-5
dB
Supply Current
VDD = +7 V
700
mA
1) Psat: Saturated output power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com