Electronic Components Datasheet Search
  English  ▼

X  

AAT2073B2 Datasheet(PDF) 9 Page - Advanced Semiconductor Business Inc.

Part # AAT2073B2
Description  Digital Attenuator 2-Bit 9 dB DC~2700 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AAT2073B2 Datasheet(HTML) 9 Page - Advanced Semiconductor Business Inc.

Back Button AAT2073B2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AAT2073B2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AAT2073B2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AAT2073B2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AAT2073B2 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AAT2073B2 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AAT2073B2 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. AAT2073B2 Datasheet HTML 10Page - Advanced Semiconductor Business Inc. AAT2073B2 Datasheet HTML 11Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9/11
ASB Inc.
 sales@asb.co.kr
June 2017
AAT2073B2
5. Package Outline (UQFN-14L, 2.0x2.0x0.4 mm3)
6. Surface Mount Recommendation (In mm)
Symbols
Dimensions (In mm)
MIN
NOM
MAX
A
0.35
-
0.40
A1
0.00
-
0.05
A2
0.223
-
0.273
A3
-
0.127REF -
b
0.15
0.20
0.25
D
1.95
2.00
2.03
E
1.95
2.00
2.03
D1
-
1.00BSC
-
E1
-
1.00BSC
-
e1
-
0.40BSC
-
e2
-
0.45BSC
-
L
0.13
0.18
0.23
R
-
0.125BSC -
θ
-12
-
0
Burr
0.00
0.03
0.06
NOTE
1. Recommended is that the ground via holes be
placed on the bottom of the exposed pad of the
device for better RF and thermal performance, as
shown in the drawing at the left side



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com