Electronic Components Datasheet Search
  English  ▼

X  

B170 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # B170
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

B170 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  B170 Datasheet HTML 1Page - Lite-On Technology Corporation B170 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
B170 thru B1100
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
5
10
50
100
2
20
0
10
20
30
Pulse Width 8.3ms
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.1 - FORWARD CURRENT DERATING CURVE
20
60
80
90
100
0.8
0
40
0.4
120
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
LEAD TEMPERATURE , C
1.0
0.6
0.2
140
INSTANTANEOUS FORWARD VOLTAGE , (VOLTS)
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
.01
1.8
1.6
TJ = 25 C
PULSEWIDTH:300us
PULSEWIDTH:300us
FIG.4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , (VOLTS)
10.0
0.1
100
1000
100
10
TJ = 25 C F= 1MHz
1.0
4.0
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
20
40
100
120
0
0.01
0.1
1.0
100
10
60
80
90
0.001
TJ = 25 C
TJ = 125 C
TJ = 100 C
140
REV. 2, 01-Dec-2000, KSHA02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com