Electronic Components Datasheet Search
  English  ▼

X  

CSRS545-A Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CSRS545-A
Description  Super Low Barrier High Voltage Power Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CSRS545-A Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CSRS545-A Datasheet HTML 1Page - Chip Integration Technology Corporation CSRS545-A Datasheet HTML 2Page - Chip Integration Technology Corporation CSRS545-A Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Axial lead type devices for through hole design.
•
Low forward voltage drop.
•
Excellent high temperature stability.
•
Fast switching capability.
•
Suffix "G" indicates Halogen-free part, ex.CSRS545G-A.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
Forward rectified current
Forward surge current
Thermal resistance
Operating and Storage temperature
Parameter
Marking code
DC blocking voltage
Working peak reverse voltage
Peak repetitive reverse voltage
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-201AD / DO-27
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 1.10 gram
DO-27(DO-201AD)
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.375 (9.6)
.285 (7.2)
.052 (1.3)
.048 (1.2)
DIA.
.220 (5.6)
.197 (4.8)
DIA.
Peak repetitive reverse surge current
I
O
I
F S M
T , T
J
S T G
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CSRS545-A
UNIT
-55 ~ +150
5
220
A
A
O C/W
O C
20
R
θ J C
Junction to case
CSRS545
V
R M
V
RW M
V
R R M
45
V
I
R R M
A
2us - 1kHz
2
Forward voltage drop
Reverse current
Parameter
V
F
I
R
O
V
= V
T = 25 C
R
R R M
J
O
V
= V
T = 125 C
R
R R M
J
Conditions
Symbol
TYP.
UNIT
100
0.5
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
380
440
CSRS545-A
Document ID : DS-11KDF
Revised Date : 2015/08/10
Revision : C3
320
Main Product Characteristics
I
F ( AV )
5A
V
R R M
T
J
V
( Ty p )
45V
O
150 C
0.32V
Chip Integration Technology Corporation
Super Low Barrier High Voltage Power Rectifier


Similar Part No. - CSRS545-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSRS560-A CITC-CSRS560-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results

Similar Description - CSRS545-A

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CSF20150CT-A CITC-CSF20150CT-A Datasheet
481Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP8S60S-A CITC-CSP8S60S-A Datasheet
468Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10L45S-A CITC-CSP10L45S-A Datasheet
475Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15L50S-A CITC-CSP15L50S-A Datasheet
465Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP15S50S-A CITC-CSP15S50S-A Datasheet
469Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP560S-A CITC-CSP560S-A Datasheet
477Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSP10200SG-A CITC-CSP10200SG-A Datasheet
504Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSR5200-A CITC-CSR5200-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSRL1060-A CITC-CSRL1060-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
CSRS1045-A CITC-CSRS1045-A Datasheet
457Kb / 3P
Super Low Barrier High Voltage Power Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com