Electronic Components Datasheet Search
  English  ▼

X  

CTL5100MASG Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # CTL5100MASG
Description  5A Trench Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

CTL5100MASG Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  CTL5100MASG Datasheet HTML 1Page - Chip Integration Technology Corporation CTL5100MASG Datasheet HTML 2Page - Chip Integration Technology Corporation CTL5100MASG Datasheet HTML 3Page - Chip Integration Technology Corporation CTL5100MASG Datasheet HTML 4Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified.
5A Trench Schottky Rectifier
Forward rectified current
Forward surge current
Operating Junction temperature
Parameter
Working peak reverse voltage
Peak repetitive reverse surge current
I
O
I
F S M
T
J
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
Conditions
Symbol
CTL5100MASG
UNIT
-55 ~ +150
5
80
A
A
O C/W
O C
6
R
θ J C
Junction to case
V
RW M
100
V
I
R R M
A
2us - 1kHz
1
Forward voltage drop
Reverse current
Parameter
V
F
I
R
O
V
= 100V T = 25 C
R
J
O
V
= 100V T = 125 C
R
J
Conditions
Symbol
TYP.
UNIT
40
0.1
mV
mA
MIN.
MAX.
O
I = 5A, T = 25 C
F
J
O
I = 5A, T = 125 C
F
J
600
670
CTL5100MASG
Document ID : DS-11034
Revised Date : 2016/12/29
Revision : C
O
I = 3A, T = 25 C
F
J
530
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Outline
Low profile surface mounted application in order to
•
optimize board space.
Low power loss, high efficiency.
•
High current capability, low forward voltage drop.
•
Ultra high-speed switching.
•
Lead free in compliance with EU RoHS.
•
MINI SMAS(DO-214AC)
0.189(4.8)
0.171(4.35)
0.108(2.75)
0.096(2.45)
0.049(1.25)
0.041(1.05)
0.051(1.3)
0.063(1.6)
Marking code
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-214AC / MINI SMAS
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Polarity : Indicated by cathode band
• Weight : Approximated 0.04 gram
0.144(3.65)
0.132(3.35)
0.045(1.15)
0.032(0.8)
0.009(0.22)
0.004(0.1)
Main Product Characteristics
I
F ( AV )
5A
V
R R M
T
J
V
( Ty p )
100V
O
150 C
0.55V
Chip Integration Technology Corporation
Typical Thermal resistance
O C/W
60
R
θ J A
Junction to ambient
Storage temperature
T
S T G
-55 ~ +150
O C
610
550
0.01
Reverse Breakdown Voltage
V
B R
V
O
I = 0.1mA, T = 25 C
R
J
100
10


Similar Part No. - CTL5100MASG

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTL505NS10-T52 CTMICRO-CTL505NS10-T52 Datasheet
811Kb / 11P
N-Channel Enhancement MOSFET
CTL550NS08-T52 CTMICRO-CTL550NS08-T52 Datasheet
804Kb / 11P
N-Channel Enhancement MOSFET
logo
Infinite Electronics In...
CTL5B-10 L-COM-CTL5B-10 Datasheet
156Kb / 1P
CA RGB 5 COAX BNC M/M
12/04-09
CTL5B-10 L-COM-CTL5B-10 Datasheet
156Kb / 1P
CA RGB 5 COAX BNC M/M
12/04-09
CTL5B-10B L-COM-CTL5B-10B Datasheet
156Kb / 1P
CA RGB 5 COAX BNC M/M
12/04-09
More results

Similar Description - CTL5100MASG

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
CP5S100S CITC-CP5S100S Datasheet
464Kb / 3P
5A Surface Mount Trench Schottky Rectifier
CRL545 CITC-CRL545 Datasheet
455Kb / 3P
5A Lead Type Trench Schottky Rectifier
CTP5L45SG CITC-CTP5L45SG Datasheet
522Kb / 4P
5A Trench Schottky Rectifier
CTP5L60SG CITC-CTP5L60SG Datasheet
500Kb / 4P
5A Trench Schottky Rectifier
logo
Diodes Incorporated
SDT5100D1 DIODES-SDT5100D1 Datasheet
420Kb / 5P
5A TRENCH SCHOTTKY RECTIFIER
Rev erse
logo
Taiwan Semiconductor Co...
TSUP5M60SH TSC-TSUP5M60SH Datasheet
432Kb / 5P
5A, 60V Trench Schottky Rectifier
TSUP5M45SH TSC-TSUP5M45SH Datasheet
432Kb / 5P
5A, 45V Trench Schottky Rectifier
logo
Diodes Incorporated
B540CX DIODES-B540CX Datasheet
637Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMC
December 2022 Rev. 2 - 2
B560CX DIODES-B560CX Datasheet
615Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMC
December 2022 Rev. 2 - 2
SDT5A50SA DIODES-SDT5A50SA Datasheet
380Kb / 5P
5A TRENCH SCHOTTKY BARRIER RECTIFIER SMA
September 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com