Electronic Components Datasheet Search
  English  ▼

X  

LL3-DA04 Datasheet(PDF) 2 Page - SICK AG

Part # LL3-DA04
Description  FIBER-OPTIC SENSORS AND FIBERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

LL3-DA04 Datasheet(HTML) 2 Page - SICK AG

  LL3-DA04 Datasheet HTML 1Page - SICK AG LL3-DA04 Datasheet HTML 2Page - SICK AG LL3-DA04 Datasheet HTML 3Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LL3-DA04 | LL3
FIBER-OPTIC SENSORS AND FIBERS
Ordering information
Type
Part no.
LL3-DA04
5326466
Other models and accessories
www.sick.com/LL3
Detailed technical data
Features
Device type
Adapter lens for proximity fibers
Detection principle
Proximity system
For fiber-optic
LL3-DB07, LL3-DJ01, LL3-DK21, LL3-DT01, LL3-DT01-05, LL3-DT01S01
Fiber head material
Aluminium (black coated)
Thread size
M3
Ambient operating temperature
–40 °C ... +70 °C
Special features
Reliable detection of small objects
Classifications
ECl@ss 5.0
27270905
ECl@ss 5.1.4
27270905
ECl@ss 6.0
27270905
ECl@ss 6.2
27270905
ECl@ss 7.0
27270905
ECl@ss 8.0
27270905
ECl@ss 8.1
27270905
ECl@ss 9.0
27270905
ETIM 5.0
EC002651
ETIM 6.0
EC002651
UNSPSC 16.0901
39121528
Dimensional drawing (Dimensions in mm (inch))
LL3-DA04
15 (0.59)
5 (0.2)
4 (0.16)
M3x0.5
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-07-20 10:36:28
Subject to change without notice



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com