Electronic Components Datasheet Search
  English  ▼

X  

6034867 Datasheet(PDF) 2 Page - SICK AG

Part # 6034867
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6034867 Datasheet(HTML) 2 Page - SICK AG

  6034867 Datasheet HTML 1Page - SICK AG 6034867 Datasheet HTML 2Page - SICK AG 6034867 Datasheet HTML 3Page - SICK AG 6034867 Datasheet HTML 4Page - SICK AG 6034867 Datasheet HTML 5Page - SICK AG 6034867 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
L41S-21MA1A, L41E-21MA1A | L41
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Ordering information
System part
Type
Part no.
Sender
L41S-21MA1A
6034866
Receiver
L41E-21MA1A
6034867
Other models and accessories
www.sick.com/L41
Detailed technical data
Features
Scanning range
0 m ... 10 m
Number of beams
1
Optical axis
Axial
Safety-related parameters
Type
Type 4 (IEC 61496) 1)
Safety integrity level
SIL3 (IEC 61508) 1)
SILCL3 (EN 62061) 1)
Category
Category 4 (EN ISO 13849) 1)
Performance level
PL e (EN ISO 13849) 1)
PFHD (mean probability of a dangerous fail-
ure per hour)
8.1 x 10-10 (EN ISO 13849) 1)
TM (mission time)
20 years (EN ISO 13849)
1) Only in combination with an appropriate test device, e.g., Flexi Classic or Flexi Soft.
Interfaces
Connection type
Male connector M12, 4-pin, straight
Diagnostic display
LED
Electrical data
Operating data
Protection class
III
Power consumption
≤ 30 mA / ≤ 20 mA (depending on type)
Switching output
Switching current
≤ 70 mA
Mechanical data
Design
Cylindrical
Dimensions (diameter x length)
M18 x 97.7 mm
Housing material
Nickel-plated brass
Lens material
Glass
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-09-01 12:26:26
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com