Electronic Components Datasheet Search
  English  ▼

X  

6034876 Datasheet(PDF) 4 Page - SICK AG

Part # 6034876
Description  SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6034876 Datasheet(HTML) 4 Page - SICK AG

  6034876 Datasheet HTML 1Page - SICK AG 6034876 Datasheet HTML 2Page - SICK AG 6034876 Datasheet HTML 3Page - SICK AG 6034876 Datasheet HTML 4Page - SICK AG 6034876 Datasheet HTML 5Page - SICK AG 6034876 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
L21S-11MA1A, L21E-11MA1A | L21
SINGLE-BEAM PHOTOELECTRIC SAFETY SWITCHES
Dimensional drawing (Dimensions in mm (inch))
M18 radial
45
°
107.7 (4.24)
17
(0.67)
57.5 (2.26)
17.6
(0.69)
15.6
(0.61)
11
(0.43)
LED
Connection diagram
3 x L21 (cascaded) with Flexi Classic main unit and expansion module on UE10-3OS
UE10-3OS
UE410-MU/XU
L21S
L21E
L21S
L21E
L21S
L21E
E117082/00/2014-06-02
+24 V
0 V
B2
B4
Y2
B1
B3
Y1
14
24
34
42
13
23
33
41
FE
S1
2) PELV
1)
+24 V
0 V
TE
+24 V
0 V
Q
+24 V
0 V
TE
+24 V
0 V
Q
+24 V
0 V
TE
+24 V
0 V
Q
Function
Q1
A1
3
A2
EN
I2
I1
X1
X2
Q2
Q4
S2
S3
Q3
S1
I4
I3
0
1
2
7
8
9
6
5
4
3
Task
Integration of three cascaded L2000 (L21) family single-beam photoelectric safety switches with a UE410-MU/XU safety controller
and a UE10-3OS safety relay.
4
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-09-01 12:26:26
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com