Electronic Components Datasheet Search
  English  ▼

X  

EC3221 Datasheet(PDF) 16 Page - E-CMOS Corporation

Part # EC3221
Description  1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3221 Datasheet(HTML) 16 Page - E-CMOS Corporation

Back Button EC3221 Datasheet HTML 8Page - E-CMOS Corporation EC3221 Datasheet HTML 9Page - E-CMOS Corporation EC3221 Datasheet HTML 10Page - E-CMOS Corporation EC3221 Datasheet HTML 11Page - E-CMOS Corporation EC3221 Datasheet HTML 12Page - E-CMOS Corporation EC3221 Datasheet HTML 13Page - E-CMOS Corporation EC3221 Datasheet HTML 14Page - E-CMOS Corporation EC3221 Datasheet HTML 15Page - E-CMOS Corporation EC3221 Datasheet HTML 16Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
1.5MHz, Dual 1.5A, Synchronous
Step-Down Regulator
EC3221
E-CMOS Corp. (www.ecmos.com.tw)
Page 16 of 16
3F18N-Rev.P001
Package Information
SOP-8(Exposed PAD) Package Outline Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com