Electronic Components Datasheet Search
  English  ▼

X  

EC3228 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC3228
Description  High-Performance PWM Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3228 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC3228 Datasheet HTML 1Page - E-CMOS Corporation EC3228 Datasheet HTML 2Page - E-CMOS Corporation EC3228 Datasheet HTML 3Page - E-CMOS Corporation EC3228 Datasheet HTML 4Page - E-CMOS Corporation EC3228 Datasheet HTML 5Page - E-CMOS Corporation EC3228 Datasheet HTML 6Page - E-CMOS Corporation EC3228 Datasheet HTML 7Page - E-CMOS Corporation EC3228 Datasheet HTML 8Page - E-CMOS Corporation EC3228 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Performance PWM Controller
EC3228
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 16
3G15N-Rev.P002
Pin Assignments
GND and Thermal Pad (connected to GND plane for better heat dissipation)
PIN NO
NAME
FUNCTION
1
POK
Power Good Output. POK is an open drain output used to indicate the status of the
output voltage. Connect the POK in to +5V through a pull-high resistor.
2
OCSET
Current-Limit Threshold Setting Pin. There is an internal source current 10 uA through
a resistor from OCSET pin to GND. This pin is used to monitor the voltage drop across
the Drain and Source of the low-side MOSFET for current-limit.
3
EN
Enable Pin of The PWM Controller. When the EN is above enable logic level, the
Device is workable. When the EN is below shutdown logic level, the device is in
shutdown and only low leakage current is taken from VCC and VIN.
4
FB
Output Voltage Feedback Pin. This pin is connected to the resistive divider that set the
desired output voltage. The POK, UVP, and OVP circuits detect this signal to report
output voltage status.
5
RF
This Pin is Allowed to Adjust The Switching Frequency. Connect a resistor RRF
to
set switching frequency as show in Table1. The pin also controls forced PWM mode
or PFM/PWM auto skip mode selection. When RF pin is pulled down to GND, the
device is in automatic PFM/PWM Mode. When RF pin is pulled high to POK, the device
is in force PWM mode.
6
LGATE
Output of The Low-side MOSFET Driver. Connect this pin to Gate of the low-side
MOSFET. Swings from GND to VCC.
7
VCC
Supply Voltage Input Pin for Control Circuitry. Connect +5V from the VCC pin to the
GND pin. Decoupling at least 1u F of a MLCC capacitor from the VCC pin to the GND
pin.
8
PHASE
Junction Point
of
The
High-side
MOSFET
Source,
Output
Filter
Inductor
and
The Low-side MOSFET Drain. Connect this pin to the Source of the high-side
MOSFET. PHASE serves as the lower supply rail for the UGATE high-side gate driver.
9
UGATE
Output of The High-side MOSFET Driver. Connect this pin to Gate of the high-side
MOSFET.
10
BOOT
Supply Input for The UGATE Gate Driver and An Internal Level-shift Circuit. Connect to
an
external
capacitor
to
create
a
boosted
voltage
suitable
to
drive
a
logic-level N-channel MOSFET.
Exposed
Pad
GND
Signal Ground for The IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com