Electronic Components Datasheet Search
  English  ▼

X  

CD40161BC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD40161BC
Description  Decade Counter with Asynchronous Clear
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD40161BC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD40161BC Datasheet HTML 1Page - National Semiconductor (TI) CD40161BC Datasheet HTML 2Page - National Semiconductor (TI) CD40161BC Datasheet HTML 3Page - National Semiconductor (TI) CD40161BC Datasheet HTML 4Page - National Semiconductor (TI) CD40161BC Datasheet HTML 5Page - National Semiconductor (TI) CD40161BC Datasheet HTML 6Page - National Semiconductor (TI) CD40161BC Datasheet HTML 7Page - National Semiconductor (TI) CD40161BC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
DC Supply Voltage (VDD)
b
05 to a18 VDC
Input Voltage (VIN)
b
05 to VDD a05 VDC
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
DC Supply Voltage (VDD)
3Vto15VDC
Input Voltage (VIN)
0VtoVDD VDC
Operating Temperature Range (TA)
CD40XXXBM
b
55 Cto a125 C
CD40XXXBC
b
40 Cto a85 C
DC Electrical Characteristics CD40160BMCD40161BMCD40162BMCD40163BM (Note 2)
Limits
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V
5
5
150
m
A
Current
VDD e 10V
10
10
300
m
A
VDD e 15V
20
20
600
m
A
VOL
Low Level Output
lIOl k 1 mA
Voltage
VDD e 5V
005
005
005
V
VDD e 10V
005
005
005
V
VDD e 15V
005
005
005
V
VOH
High Level Output
lIOl k 1 mA
Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input
VDDe5V VOe05V or 45V
15
15
15
V
Voltage
VDDe10V VOe1V or 9V
30
30
30
V
VDDe15V VOe15V or 135V
40
40
40
V
VIH
High Level Input
VDDe5V VOe05V or 45V
35
35
35
V
Voltage
VDDe10V VOe1V or 9V
70
70
70
V
VDDe15V VOe15V or 135V
110
110
110
V
IOL
Low Level Output
VDDe5V VOe04V
064
051
088
036
mA
Current (Note 3)
VDDe10V VOe05V
16
13
225
09
mA
VDDe15V VOe15V
42
34
88
24
mA
IOH
High Level Output
VDDe5V VOe46V
b
064
b
051
b
088
b
036
mA
Current (Note 3)
VDDe10V VOe95V
b
16
b
13
b
225
b
09
mA
VDDe15V VOe135V
b
42
b
34
b
88
b
24
mA
IIN
Input Current
VDDe15V VINe0V
b
010
b
10b5
b
010
b
10
m
A
VDDe15V VINe15V
010
10b5
010
10
m
A
DC Electrical Characteristics CD40160BCCD40161BCCD40162BCCD40163BC (Note 2)
Limits
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V
20
20
150
m
A
VDD e 10V
40
40
300
m
A
VDD e 15V
80
80
600
m
A
VOL
Low Level Output
lIOl k 1 mA
Voltage
VDD e 5V
005
005
005
V
VDD e 10V
005
005
005
V
VDD e 15V
005
005
005
V
VOH
High Level Output
lIOl k 1 mA
Voltage
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
095
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input
VDDe5V VOe05V or 45V
15
15
15
V
Voltage
VDDe10V VOe1V or 9V
30
30
30
V
VDDe15V VOe15V or 135V
40
40
40
V
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com