Electronic Components Datasheet Search
  English  ▼

X  

EC3278 Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC3278
Description  2.4A/32V Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3278 Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC3278 Datasheet HTML 3Page - E-CMOS Corporation EC3278 Datasheet HTML 4Page - E-CMOS Corporation EC3278 Datasheet HTML 5Page - E-CMOS Corporation EC3278 Datasheet HTML 6Page - E-CMOS Corporation EC3278 Datasheet HTML 7Page - E-CMOS Corporation EC3278 Datasheet HTML 8Page - E-CMOS Corporation EC3278 Datasheet HTML 9Page - E-CMOS Corporation EC3278 Datasheet HTML 10Page - E-CMOS Corporation EC3278 Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 9 of 11
3I13N-Rev.P001
2.4A/32V Synchronous Rectified
Step-Down Converter
EC3278
Since the input capacitor (C1) absorbs the input switching
current it requires an adequate ripple current rating. The
RMS current in the input capacitor can be estimated by:
The worst-case condition occurs at VIN = 2VOUT,where
IC1 = ILOAD/2. For simplification, choose the input capacitor
whose RMS current rating greater than half of the maximum
load current.
The input capacitor can be electrolytic, tantalum or ceramic.
When using electrolytic or tantalum capacitors, a small, high
quality ceramic
capacitor, i.e. 0.1μF, should be placed as
close to the IC as possible. When using ceramic capacitors,
make sure that they have enough capacitance to provide
sufficient charge to prevent excessive voltage ripple at
input. The input voltage ripple for low ESR capacitors can
be estimated by:
Where C1 is the input capacitance value.
Output Capacitor
The output capacitor is required to maintain the DC output
voltage. Ceramic, tantalum, or low ESR electrolytic
capacitors are recommended. Low ESR capacitors are
preferred to keep the output voltage ripple low. The output
voltage ripple can be estimated by:
Where C2 is the output capacitance value and RESR is the
equivalent series resistance (ESR) value of the output
capacitor.
In the case of ceramic capacitors, the impedance at the
switching frequency is dominated by the capacitance. The
output voltage ripple is mainly caused by the capacitance.
For simplification, the output voltage ripple can be
estimated by:
In the case of tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching frequency. For
simplification, the output ripple can be approximated to:
The characteristics of the output capacitor also affect the
stability of the regulation system. The EC3278 can be
optimized for a wide range of capacitance and ESR values.
Compensation Components
EC3278 employs current mode control for easy
compensation and fast transient response. The system
stability and transient response are controlled through the
COMP pin. COMP pin is the output of the internal
trans-conductance error amplifier. A series
capacitor-resistor combination sets a pole-zero combination
to control the characteristics of the control system.
The DC gain of the voltage feedback loop is given by:
Where AVEA is the error amplifier voltage gain; GCS is the
current sense transconductance and RLOAD is the load
resistor value.
The system has two poles of importance. One is due to the
compensation capacitor (C3) and the output resistor of the
error amplifier, and the other is due to the output capacitor
and the load resistor. These poles are located at:
Where GEA is the error amplifier transconductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com