Electronic Components Datasheet Search
  English  ▼

X  

CPT-182 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CPT-182
Description  Surface Mountable Chip Photo-transistor CPT-182 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CPT-182 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPT-182 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
81
表面実装型チップフォトトランジスタ
CPT-182 シリーズ
Surface Mountable Chip Photo-transistor CPT-182 Series
■外形寸法図/Outline drawing
単位/Unit : mm
特徴/ Features
1. チップ型フォトトランジスタで上面
及び側面受光可能。
2. 外形寸法は3.2(L)×2.4(W)×2.4
(H)mm小型・角型サイズ。
1. Developed as a chip type SMD photo-
transistor for both right-angle and
upright uses
2. Small and square size, dimensions:
3.2(L)×2.4(W)×2.4(H)mm
用途/ Application
1. CDプレーヤーのディスク位置検出。
2. VTR、
カメラ一体型VTRのテープ
位置検出。
3. フロッピーディスクの位置検出。
4. その他の位置検出。
1. Position detection for compact disc in
CD player
2. Position detecting for tape in VCR and
portable VCR incorporated with camera
3. Position detecting for floppy disc in
floppy disc drive
4. Position detecting for other equipment
諸特性/ Characteristics
■電気的光学的特性/Electro-optical characteristics
(Ta 25℃)
項目/Item
記号
条件
最小 標準 最大
単位
Symbol
Conditions
Min
Typ Max
Unit
光電流/Light current
IC
VCE=5V ※1EV=0.1mW/cm 2 40
120 375
μA
暗電流/Collector dark current
ICEO
VCE =5V
-
5
100
nA
コレクタ・エミッタ間飽和電圧
Saturated voltage between collector & emitter
VCE (Sat) IC=100μA
※1E
V=0.1mW/cm
2
-0.15 0.4
V
ピーク感度波長/Peak sensitive wave length
λp ※2
-
-
950
-
nm
分光感度/Spectral efficiency
λ
※2
-
860∼1060
nm
応答時間/
立上がり/Rise time
Tr
VCE=5V IC=2mA
-
6
-
μSEC
Response Time 立下がり/Fall time
Tf
RL=100Ω
-
6
-
μSEC
半値角/Spectral width of half value
θ1/2
-
-
±30
-
deg.
50
°
60
°
70
°
80
°
90
°
50
°
60
°
70
°
80
°
90
°
40
°  30°  20°
10
°
0
°  10° 20°  30°
40
°
指向特性
Directive Characteristics
周波数特性
Frequency response
0
-10
-20
-30
-50
-40
1
3
10
30
100
f (KHz)
RL=100
Ω
RL=510
Ω
Vcc=5V
Ta=25˚C
光源=CL-201IR
Lighting source
of CL-201IR
RL=1K
Ω
T a (°C)
0
2
4
6
8
10
12
14
700
600
500
400
200
100
0
300
Ic-VCE 特性
Ic-VCE Characteristics
VCE (V)
1
5
10
100
1000
100
50
10
RL(
K
Ω)
tr/rf-RL 特性
tr/tf-RL Characteristics
tr
tf
0.1
1.0
10
10000
1000
100
E (
mW/cm
2)
Ic-E 特性
Ic-E Characteristics
800
900
1000
1100
1200
80
60
40
0
20
100
分光感度特性(Ta=25℃)
※2
Special EfficiencyCharacteristics
波長λ(nm)
Wave length
- 25
0
25
50
75
100
175
150
120
100
50
75
IRC-Ta 特性
IRC-Ta Characteristics
VCE=5V
Ta=25˚C
0.1
0.2
0.3
0.4
0.5mW/cm2
VCE=3V
Ta=25˚C
VCC=5V
VCC
入力
Input
tf
tr
90%
10%
入力パルス
Input pulse
出力パルス
Output pulse
応答速度測定回路
Measuring circuit for response time
LED:CL-201IR
出力
Output
RL
R
Ta=25˚C
R=100
Ω
0
100
100
1
10
100
100
10
1
0.1
d (
mm)
CL-201IRとの組み合わせ特性
Combined Characteristics with CL-201IR
10mW/Sr
20mW/Sr
Ta=25˚C
:VCE=5V
5V
d
素子位置
Position of die
樹脂
基板
Resin
P.C.board
(2.1)
(1.2)
2.4
2.4
エミッタマーク
Emitter mark
極性
Polarity
C
E
はんだ付け電極
Soldering terminal
※1 EV=950nmlR光による放射照度/※1 EV=Infrared irradiance at 950 nm
※2 Cタイプ標準/※2 Standard for C type


Similar Part No. - CPT-182

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPT-18-6004 TELEDYNE-CPT-18-6004 Datasheet
892Kb / 2P
Temperature Compensated Amplifier 6 GHz - 18 GHz
CPT-18-6005 TELEDYNE-CPT-18-6005 Datasheet
892Kb / 2P
Temperature Compensated Amplifier 6 GHz - 18 GHz
CPT-18-6006 TELEDYNE-CPT-18-6006 Datasheet
892Kb / 2P
Temperature Compensated Amplifier 6 GHz - 18 GHz
CPT-18-6007 TELEDYNE-CPT-18-6007 Datasheet
892Kb / 2P
Temperature Compensated Amplifier 6 GHz - 18 GHz
CPT-18-6008 TELEDYNE-CPT-18-6008 Datasheet
892Kb / 2P
Temperature Compensated Amplifier 6 GHz - 18 GHz
More results

Similar Description - CPT-182

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MXP1126-C MICROSEMI-MXP1126-C Datasheet
36Kb / 1P
Photo Transistor Chip
logo
List of Unclassifed Man...
CPI-210 ETC-CPI-210 Datasheet
216Kb / 1P
SURFACE MOUNTABLE PHOTO INTERRUPTER
CPT-230 ETC-CPT-230 Datasheet
229Kb / 1P
Surface Mountable Chip Photo-transistor CPT-230 Series
CPI-250 ETC1-CPI-250 Datasheet
217Kb / 1P
Surface Mountable Photo-interrupter CPI-250 Series
CPT-184 ETC1-CPT-184 Datasheet
230Kb / 1P
Surface Mountable Chip Photo-transistor
logo
CITIZEN ELECTRONICS CO....
CPT CITIZEN-CPT Datasheet
420Kb / 1P
Chip Photo-transistor
CPT-176 CITIZEN-CPT-176 Datasheet
452Kb / 1P
Chip Photo-transistor
CPT-230 CITIZEN-CPT-230 Datasheet
430Kb / 1P
Chip Photo-transistor
CPT-290 CITIZEN-CPT-290 Datasheet
434Kb / 1P
Chip Photo-transistor
CPT-290 CITIZEN-CPT-290_12 Datasheet
116Kb / 2P
Chip Photo-transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com